Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-1-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP2450ACPZ-1-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-1-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP2450ACPZ-1-R7 Datasheet HTML 4Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 5Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 6Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 7Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 8Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 9Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 8 of 40
OPERATION AMPLIFIER SPECIFICATIONS
VIN = 12 V, VAVDD = 5 V, TJ = −40°C to +125°C for minimum and maximum specifications, and TA = 25°C for typical specifications, unless
otherwise noted.
Table 4.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range
0
VAVDD
V
Input Offset
VOS_EA
TJ = 25°C
20
850
μV
Input Offset Temperature Drift
5.5
19
μV/°C
Input Bias Current1
1
1000
pA
Input Capacitance1
CIN_EA
2
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH_EA
IOH_EA = −250 μA
VAVDD – 0.3 V
VAVDD – 0.1 V
V
Output Voltage Low
VOL_EA
IOL_EA = +250 μA
15
35
mV
Short-Circuit Current
ISC_H_EA
Short to AVDD
30
mA
ISC_L_EA
Short to GND
15
mA
DYNAMIC PERFORMANCE2
Slew Rate
SREA
RL_EA = 10 kΩ, CL_EA = 35 pF
0.5
V/μs
Gain Bandwidth Product
GBPEA
RL_EA = 10 kΩ, CL_EA = 35 pF
1.6
MHz
Phase Margin
ΦM_EA
RL_EA = 10 kΩ, CL_EA = 35 pF
56
Degrees
NOISE PERFORMANCE2
Input Voltage Noise Density
eni_EA
f = 1 kHz
240
nV/√Hz
Input Voltage Noise
en_EA p-p
f = 0.1 Hz to 10 Hz
46
μV p-p
1 Guaranteed by design, not production tested.
2 Bench measurement result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com