Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2450ACPZ-1-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2450ACPZ-1-R7
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450ACPZ-1-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2450ACPZ-1-R7 Datasheet HTML 10Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 11Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 12Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 13Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 14Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 15Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 16Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 17Page - Analog Devices ADP2450ACPZ-1-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 14 of 40
1.4
0.2
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
OPTION 1
OPTION 2
0.4
0.6
0.8
1.0
1.2
Figure 17. Reset Rising Delay Time (Option1, Option 2) vs. Temperature
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
396
382
384
386
388
390
392
394
VOUT2 = 3.3V
VOUT2 = 5.0V
Figure 18. Fixed Output Version Soft Start Time vs. Temperature
900
300
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
400
500
600
700
800
Figure 19. AVDD Quiescent Current vs. Temperature
6
0
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
1
2
3
4
5
OPTION 3
OPTION 4
Figure 20. Reset Rising Delay Time (Option 3, Option 4) vs. Temperature
1.58
1.52
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
1.53
1.54
1.55
1.56
1.57
Figure 21. Adjustable Output Version Soft Start Time vs. Temperature
2.70
2.40
–40
120
TEMPERATURE (°C)
–20
0
20
40
60
80
100
RISING
FALLING
2.45
2.50
2.55
2.60
2.65
Figure 22. AVDD UVLO Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com