Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575PD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7575PD
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575PD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7575PD Datasheet HTML 4Page - STMicroelectronics TDA7575PD Datasheet HTML 5Page - STMicroelectronics TDA7575PD Datasheet HTML 6Page - STMicroelectronics TDA7575PD Datasheet HTML 7Page - STMicroelectronics TDA7575PD Datasheet HTML 8Page - STMicroelectronics TDA7575PD Datasheet HTML 9Page - STMicroelectronics TDA7575PD Datasheet HTML 10Page - STMicroelectronics TDA7575PD Datasheet HTML 11Page - STMicroelectronics TDA7575PD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TDA7575PD
8/17
It is recommended to minimize the impedance on the board between OUT2 and the load in order to minimize
THD distortion. It is also recommended to control the maximum mismatch impedance between VCC pins
(PIN21/PIN22 respect to PIN33/PIN34) and between PWGND pins (PIN24/PIN25 respect to PIN30/PIN31),
mismatch that must not exceed a value of 20 mOhm.
With 1OHM feature settled the active input is IN2 (PIN17 and PIN18), therefore IN1 pins should be let floating.
It is possible to set the load capability acting on 1OHM pin as follows:
1OHM PIN (PIN15) < 1.5V: two channels mode (for a minimum load of 2 OHM)
1OHM PIN (PIN15) > 2.5V: one channel mode (for 1 OHM load).
IT IS TO REMEMBER THAT 1 0HM FUNCTION IS A HARDWARE SELECTION.
Therefore it is recommended to leave 1OHM PIN floating or shorted to GND to set the two channels mode con-
figuration, or to short 1OHM PIN to VCC to set the one channel (1OHM) configuration.
I2C Abilitation Setting
It is possible to disable the I2C interface by acting on I2C PIN (PIN16) and control the TDA7575PD by means of
the usual ST-BY and MUTE pins. In order to activate or deactivate this feature, I2C PIN must be set as follows:
I2C PIN (PIN16) < 1.5V: I2C bus interface deactivated
I2C PIN (PIN16) > 2.5V: I2C bus interface activated
It is also possible to let I2C PIN floating to deactivate the I2C bus interface, or to short I2C PIN to VCC to activate
it.
In particular:
I2C ENABLED: I2C pin (PIN16) > 2.5V
– STD MODE: Vstby (PIN5) > 3.5V, IB2(D1)=0
– HE MODE: Vstby (PIN5) > 3.5V, IB2(D1)=1
– PLAY MODE: Vmute (pin 4) >3.5V, IB1 (D2) = 1
The amplifier can always be switched off by putting Vstby to 0V, but with I2C enabled it can be turn on only
through I2C (with Vstby>3.5V).
I2C DISABLED: I2C pin (PIN16) < 1.5V
– STD MODE: 3.5V < stby (PIN5) < 5
– HE MODE: Vstby (PIN5) > 7V
– PLAY MODE: Vmute (pin 4) >3.5V
For both STD and HE MODE the play/mute mode can be set acting on Vmute pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com