Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575PD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7575PD
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575PD Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7575PD Datasheet HTML 1Page - STMicroelectronics TDA7575PD Datasheet HTML 2Page - STMicroelectronics TDA7575PD Datasheet HTML 3Page - STMicroelectronics TDA7575PD Datasheet HTML 4Page - STMicroelectronics TDA7575PD Datasheet HTML 5Page - STMicroelectronics TDA7575PD Datasheet HTML 6Page - STMicroelectronics TDA7575PD Datasheet HTML 7Page - STMicroelectronics TDA7575PD Datasheet HTML 8Page - STMicroelectronics TDA7575PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TDA7575PD
4/17
VMC
Maximum common mode input
level
f = 1kHz
1
Vrms
SR
Slew Rate
1.5
4
V/
µs
∆VPM
Mute/Unmute Transient
A-weighted
-100
0
100
mVpp
∆VTO
Mute/Stand-by Transient
A-weighted
-100
0
100
mVpp
TON
Turn on Delay
D2 (IB1) 0 to 1
15
40
ms
TOFF
Turn off Delay
D2 (IB1) 1 to 0
15
40
ms
VOFF
St-By pin for St-By
0
1.5
V
VSB
St-By pin for standard bridge
3.5
5
V
VHE
St-By pin for Hi-eff
7
18
V
IO
St-By pin Current
1.5 < Vstby/HE < 18V
7
160
200
µA
St-By Pin Current
Vstby < 1.5V
-10
0
10
µA
Vm
Mute pin voltage for mute mode
0
1.5
V
Vm
Mute pin voltage for play mode
3.5
18
V
Im
Mute pin current (ST_BY)
Vmute = 0V, Vstby < 1.5V
-5
0
5
µA
Im
Mute pin current (operative)
0V < Vmute < 18V, Vstby > 3.5V
65
100
µA
VI2C
I2C pin voltage for I2C disabled
0
1.5
V
VI2C
I2C pin voltage for I2C enabled
2.5
18
V
I2C
I2C pin current (stby)
0V < I2C EN < 18V, Vstby < 1.5V
-5
0
5
µA
I2C
I2C pin current (operative)
I2C EN <18V, Vstby>3.5V
7
11
15
µA
V1OHM
1OHM pin voltage for 2ch mode
0
1.5
V
V1OHM
1OHM pin voltage for 1ohm
mode
2.5
18
V
I1OHM
1OHM pin current (stby)
0V < 1OHM <18V, Vstby < 1.5V
-5
0
5
µA
I1OHM
1OHM pin current (operative)
1OHM <18V, Vstby > 3.5V
7
11
15
µA
La
A Pin Voltage
Low logic level
0
1.5
V
Ha
High logic level
2.5
18
V
Ia
A Pin Current (ST-BY)
0V < A < 18V, Vstby < 1.5V
-5
0
5
µA
Ia
A Pin Current (Operative)
A<18V, Vstby > 3.5V
7
11
15
µA
Lb
B Pin Voltage
Low logic level
0
1.5
V
Hb
High logic level
2.5
18
V
Ib
B Pin Current (ST-BY)
0V < B < 18V, Vstby < 1.5V
-5
0
5
µA
Ib
B Pin Current (Operative)
B < 18V, Vstby > 3.5V
7
11
15
µA
TW
Thermal warning
150
°C
TPI
Thermal Protection intervention
170
°C
ICDH
Clip Pin High Leakage Current
CD off, 0V < VCD < 5.5V
-15
0
15
µA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS: (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com