Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575PD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7575PD
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575PD Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7575PD Datasheet HTML 1Page - STMicroelectronics TDA7575PD Datasheet HTML 2Page - STMicroelectronics TDA7575PD Datasheet HTML 3Page - STMicroelectronics TDA7575PD Datasheet HTML 4Page - STMicroelectronics TDA7575PD Datasheet HTML 5Page - STMicroelectronics TDA7575PD Datasheet HTML 6Page - STMicroelectronics TDA7575PD Datasheet HTML 7Page - STMicroelectronics TDA7575PD Datasheet HTML 8Page - STMicroelectronics TDA7575PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
TDA7575PD
March 2004
DMOS POWER OUTPUT
NON-SWITCHING HI-EFFICIENCY
SINGLE-CHANNEL 1
Ω DRIVING CAPABILITY
HIGH OUTPUT POWER CAPABILITY 2x28W/
4
Ω @ 14.4V, 1KHZ, 10% THD, 2x40W/4Ω EIAJ
MAX. OUTPUT POWER 2x75W/2
Ω, 1x150W/1Ω
SINGLE-CHANNEL 1
Ω DRIVING CAPABILITY
– 84W UNDISTORTED POWER
– FULL I2C BUS DRIVING WITH 4 ADDRESS
POSSIBILITIES:
– ST-BY, PLAY/MUTE, GAIN 12/26dB, FULL
DIGITAL DIAGNOSTIC
POSSIBILITY TO DISABLE THE I2C
DIFFERENTAL INPUTS
FULL FAULT PROTECTION
DC OFFSET DETECTION
TWO INDEPENDENT SHORT CIRCUIT
PROTECTIONS
CLIPPING DETECTOR PIN WITH
SELECTABLE THRESHOLD (2%/10%)
ST-BY/MUTE PINS
DESCRIPTION
The TDA7575PD is a new BCD technology DUAL
BRIDGE type of car radio amplifier in PowerSO36
package specially intended for car radio applications.
Thanks to the DMOS output stage the TDA7575PD
has a very low distortion allowing a clear powerful
sound. Among the features, its superior efficiency
performance coming from the internal exclusive
structure, makes it the most suitable device to simpli-
fy the thermal management in high power sets.The
dissipated output power under average listening con-
dition is in fact reduced up to 50% when compared to
the level provided by conventional class AB solu-
tions.
This device is equipped with a full diagnostic array
that communicates the status of each speaker
through the I2C bus. The TDA7575PD has also the
possibility of driving loads down to 1
Ω paralleling the
outputs into a single channel. It is also possible to dis-
able the I2C and control the TDA7575PD by means of
the usual ST-BY and MUTE pins.
MULTIPOWER BCD TECHNOLOGY
MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER
WITH INTEGRATED DIGITAL DIAGNOSTICS
BLOCK DIAGRAM
I2CBUS
A
B
CLK
ADDRESS
DATA
VCC
CD_OUT
VS
OUT1+
OUT1-
OUT2+
OUT2-
CLIP
DETECTOR
SHORT CIRCUIT
PROTECTION
SHORT CIRCUIT
PROTECTION
IN1+
SVR
S_GND
I2C EN
PW_GND
TAB
ST-BY/HE
1
MUTE
IN1-
IN2+
IN2-
D01AU1269
MOSFET OUTPUT POWER STAGE
PowerSO36 (Slug up)
ORDERING NUMBER: TDA7575PD


Similar Part No. - TDA7575PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7575 STMICROELECTRONICS-TDA7575 Datasheet
193Kb / 17P
MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
Oct-2002
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
399Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
17-Sep-2013
TDA7575BPD STMICROELECTRONICS-TDA7575BPD Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7575BPD STMICROELECTRONICS-TDA7575BPD Datasheet
399Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
17-Sep-2013
More results

Similar Description - TDA7575PD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7561 STMICROELECTRONICS-TDA7561 Datasheet
232Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Dec-2002
TDA7562 STMICROELECTRONICS-TDA7562 Datasheet
200Kb / 17P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7563 STMICROELECTRONICS-TDA7563 Datasheet
245Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
May-2003
TDA7575 STMICROELECTRONICS-TDA7575 Datasheet
193Kb / 17P
MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
Oct-2002
TDA7564 STMICROELECTRONICS-TDA7564 Datasheet
248Kb / 20P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7566 STMICROELECTRONICS-TDA7566 Datasheet
226Kb / 19P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Sep-2003
TDA7563PD STMICROELECTRONICS-TDA7563PD Datasheet
223Kb / 21P
MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
Apr-2004
TDA7575B STMICROELECTRONICS-TDA7575B Datasheet
521Kb / 32P
2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
30-Oct-2007
TDA7563A STMICROELECTRONICS-TDA7563A Datasheet
526Kb / 35P
4 x 50W multifunction quad power amplifier with built-in diagnostics feature
07-Feb-2008
TDA7566 STMICROELECTRONICS-TDA7566_06 Datasheet
395Kb / 28P
4x40W multifunction quad power amplifier with built-in diagnostics features
18-Dec-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com