Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575PD Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7575PD
Description  MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575PD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7575PD Datasheet HTML 7Page - STMicroelectronics TDA7575PD Datasheet HTML 8Page - STMicroelectronics TDA7575PD Datasheet HTML 9Page - STMicroelectronics TDA7575PD Datasheet HTML 10Page - STMicroelectronics TDA7575PD Datasheet HTML 11Page - STMicroelectronics TDA7575PD Datasheet HTML 12Page - STMicroelectronics TDA7575PD Datasheet HTML 13Page - STMicroelectronics TDA7575PD Datasheet HTML 14Page - STMicroelectronics TDA7575PD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
TDA7575PD
Examples of bytes sequence
1 - Turn-On diagnostic - Write operation
2 - Turn-On diagnostic - Read operation
The delay from 1 to 2 can be selected by software, starting from T.B.D. ms
3a - Turn-On of the power amplifier with mute on, diagnostic defeat.
3b - Turn-Off of the power amplifier
4 - Offset detection procedure enable
5 - Offset detection procedure stop and reading operation (the results are valid only for the offset detection bits
(D2 of the bytes DB1, DB2, DB3, DB4).
The purpose of this test is to check if a D.C. offset (2V typ.) is present on the outputs, produced by input
capacitor with anomalous leackage current or humidity between pins.
The delay from 4 to 5 can be selected by software, starting from T.B.D. ms
DIAGNOSTICS FUNCTIONAL DESCRIPTION:
a) TURN-ON DIAGNOSTIC.
It is activated at the turn-on (stand-by out) under I2C bus request. Detectable output faults are:
– SHORT TO GND
– SHORT TO Vs
– SHORT ACROSS THE SPEAKER
– OPEN SPEAKER
To verify if any of the above misconnections are in place, a subsonic (inaudible) current pulse (fig. A) is internally
generated, sent through the speaker(s) and sunk back.The Turn On diagnostic status is internally stored until a
successive diagnostic pulse is requested (after a I2C reading).
If the "stand-by out" and "diag. enable" commands are both given through a single programming step, the pulse
takes place first (power stage still in stand-by mode, low, outputs= high impedance).
Start
Address byte with D0 = 0
ACK
IB1 with D6 = 1
ACK
IB2
ACK
STOP
Start
Address byte with D0 = 1
ACK
DB1
ACK
DB2
ACK
STOP
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X000XXXX
XXX1XX1X
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X0XXXXXX
XXX0XXXX
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
XX1XX1XX
XXX1XXXX
Start
Address byte with D0 = 1
ACK
DB1
ACK
DB2
ACK
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com