Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65CR51AXZ2 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FAM65CR51AXZ2
Description  Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65CR51AXZ2 Datasheet(HTML) 5 Page - ON Semiconductor

  FAM65CR51AXZ2 Datasheet HTML 1Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 2Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 3Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 4Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 5Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 6Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 7Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 8Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FAM65CR51AXZ1, FAM65CR51AXZ2
www.onsemi.com
5
Table 4. ABSOLUTE MAXIMUM RATINGS OF THE BOOST DIODE (TJ = 25°C, Unless Otherwise Specified)
Symbol
Parameter
Rating
Unit
VRRM
Peak Repetitive Reverse Voltage (Note 4)
650
V
EAS
Avalanche Energy (17 A, 1 mH)
144
mJ
IF
Continuous Rectified Forward Current, TC < 148_C
30
A
IF,MAX
Non−Repetitive Forward Surge Current, TC = 25_C, 10 ms
1100
A
IF,MAX
Non−Repetitive Forward Surge Current, TC = 150_C, 10 ms
1000
A
IFSM
Non−Repetitive Peak Surge Current (Sine Half Wave, Tp = 8.3 ms)
110
A
PD
Power Dissipation (TC = 25_C)
166
W
TJ
Maximum Junction Temperature
−55 to +175
°C
TC
Maximum Case Temperature
−40 to +125
°C
TSTG
Storage Temperature
−40 to +125
°C
4. VRRM and IF value referenced to TO220−2L Auto Qualified Package Device FFSP3065B_F085
Table 5. ELECTRICAL SPECIFICATIONS OF THE BOOST DIODE (TJ = 25°C, Unless Otherwise Specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VDC
DC Blocking Voltage
IR = 200 mA
TC = 25°C
650
−
−
V
VF
Instantaneous Forward Voltage
IF = 30 A
TC = 25°C
−
1.38
1.7
V
TC = 125°C
−
1.6
2.0
V
TC = 175°C
−
1.72
2.4
V
IR
Instantaneous Reverse Current
VR = 650 V
TC = 25°C
−
0.5
40
mA
TC = 125°C
−
1.0
80
mA
TC = 175°C
−
2.0
160
mA
QC
Total Capacitive Charge
VR = 400 V
TC = 25°C
−
43
−
nC
C
Total Capacitance
VR = 1 V
f = 100 kHz
1280
pF
VR = 200 V
f = 100 kHz
139
VR = 400 V
f = 100 kHz
108
Table 6. THERMAL RESISTANCE
Parameters
Min
Typ
Max
Unit
RθJC (per MOSFET chip)
Q1,Q2 Thermal Resistance Junction−to−Case (Note 5)
−
0.19
0.27
°C/W
RθJS (per MOSFET chip)
Q1,Q2 Thermal Resistance Junction−to−Sink (Note 6)
−
0.61
−
°C/W
RθJC (per DIODE chip)
D1,D2 Thermal Resistance Junction−to−Case (Note 5)
−
0.7
0.9
°C/W
RθJS (per DIODE chip)
D1,D2 Thermal Resistance Junction−to−Sink (Note 6)
−
1.73
−
°C/W
5. Test method compliant with MIL STD 883−1012.1, from case temperature under the chip to case temperature measured below the package
at the chip center, Cosmetic oxidation and discoloration on the DBC surface allowed
6. Defined by thermal simulation assuming the module is mounted on a 5 mm Al−360 die casting material with 30 um of 1.8 W/mK thermal
interface material
Table 7. ISOLATION (Isolation resistance at tested voltage between the base plate and to control pins or power terminals.)
Test
Test Conditions
Isolation Resistance
Unit
Leakage @ Isolation Voltage (Hi−Pot)
VAC = 5 kV, 50 Hz
100M <
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com