Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65CR51AXZ2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # FAM65CR51AXZ2
Description  Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65CR51AXZ2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FAM65CR51AXZ2 Datasheet HTML 6Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 7Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 8Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 9Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 10Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 11Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 12Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 13Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FAM65CR51AXZ1, FAM65CR51AXZ2
www.onsemi.com
11
TYPICAL CHARACTERISTICS − DIODES
Figure 21. Typical Forward Voltage Drop vs.
Forward Current
Figure 22. Typical Reverse Current vs.
Reverse Voltage
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 23. Capacitance vs. Reverse Voltage
VR, REVERSE VOLTAGE (V)
1K
10
1
0.1
10
100
1k
10k
TJ = 75°C
TJ = 25°C
TJ = 125°C
TJ = 125°C
TJ = 75°C
100
f = 100 kHz
VGS = 0 V
1
10
0
0.5
1
1.5
2
2.5
3
70
TJ = 175°C
TJ = −55°C
0.01
0.1
1
10
100
200
300
400
500
600
700
TJ = 25°C
TJ = −55°C
TJ = 175°C
Figure 24. Transient Thermal Impedance
t, RECTANGULAR PULSE DURATION (s)
Single Pulse
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
0.01
Notes:
RqJC = 0.27°C/W
Peak TJ = PDM x ZqJC(t) + TC
Duty Cycle, D = t1/t2
0.0001
0.001
0.01
1
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com