Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65CR51AXZ2 Datasheet(PDF) 10 Page - ON Semiconductor

Part # FAM65CR51AXZ2
Description  Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65CR51AXZ2 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FAM65CR51AXZ2 Datasheet HTML 6Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 7Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 8Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 9Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 10Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 11Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 12Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 13Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FAM65CR51AXZ1, FAM65CR51AXZ2
www.onsemi.com
10
TYPICAL CHARACTERISTICS − MOSFETs
1.0E+02
1.0E+03
1.0E+04
1.0E+05
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
Figure 16. Gate Charge Characteristics
Figure 17. ON−Resistance Variation with Drain
Current and Gate Voltage
Qg, GATE CHARGE (nC)
ID, DRAIN CURRENT (A)
160
120
80
40
0
0
2
4
6
8
10
80
60
40
20
0
0.040
0.045
0.050
0.055
0.060
Figure 18. Safe Operating Area
Figure 19. Peak Current Capability
t, RECTANGULAR PULSE DURATION (s)
Figure 20. Peak Power
t, RECTANGULAR PULSE DURATION (sec)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
RDS(on) Limit
Thermal Limit
Package Limit
1 ms
10 ms
100 ms
100 ms
Single Pulse
Limited IDM 291 A
TC = 25°C
For temperatures above 25°C
Derate peak current as follows:
I + I25
150 * Tc
125
NOTE:
RqJC = 0.27°C/W
Duty Cycle: D = t1/t2
Peak TJ = PDM x ZqJC(t) + TC
VDD = 130 V
VDD = 400 V
TC = 25°C
VGS = 10 V
VGS = 20 V
10 ms
TC = 25°C
RqJC = 0.27°C/W
Single Pulse
0.1
1
10
100
1000
0.1
1
10
100
1000
10
100
1000
0.000001 0.00001 0.0001
0.001
0.01
0.1
1
VGS = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com