Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAM65CR51AXZ2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FAM65CR51AXZ2
Description  Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAM65CR51AXZ2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FAM65CR51AXZ2 Datasheet HTML 5Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 6Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 7Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 8Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 9Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 10Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 11Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 12Page - ON Semiconductor FAM65CR51AXZ2 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FAM65CR51AXZ1, FAM65CR51AXZ2
www.onsemi.com
9
TYPICAL CHARACTERISTICS − MOSFETs
Figure 10. On−Resistance vs. Gate−to−Source
Voltage
Figure 11. RDS(norm) vs. Junction Temperature
VGS, GATE−TO−SOURCE VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
9.5
8.5
7.5
6.5
5.5
0
50
100
150
200
150
100
75
50
0
−25
−50
−75
0
0.5
1.0
1.5
2.0
2.5
Figure 12. Normalized Gate Threshold Voltage
vs. Temperature
Figure 13. Normalized Breakdown Voltage vs.
Temperature
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
150
100
75
50
25
0
−25
−75
0.6
0.8
1.0
1.2
0.8
0.9
1.0
1.1
1.2
Figure 14. Eoss vs. Drain−to−Source Voltage
Figure 15. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
600
500
700
400
300
200
100
0
0
5
10
15
20
25
30
1000
100
10
1
0.1
1
10
100
1k
10k
100k
TJ = 150°C
TJ = 25°C
ID = 20 A
25
125
175
ID = 20 A
VGS = 10 V
−50
125
175
ID = 3.3 mA
ID = 10 A
150
100
75
50
25
0
−25
−75 −50
125
175
VGS = 0 V
f = 1 MHz
CISS
COSS
CRSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com