Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23451 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 7Page - Microchip Technology MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology MIC23451 Datasheet HTML 10Page - Microchip Technology MIC23451 Datasheet HTML 11Page - Microchip Technology MIC23451 Datasheet HTML 12Page - Microchip Technology MIC23451 Datasheet HTML 13Page - Microchip Technology MIC23451 Datasheet HTML 14Page - Microchip Technology MIC23451 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 11
MIC23451
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
26, 4, 7
SW1, 2, 3 Switch (Output). Internal power MOSFET output switches for output 1/2/3.
21, 19, 15
EN1, 2, 3 Enable (Input). Logic high enables operation of regulator 1/2/3. Logic low will shut
down the device. Do not leave floating.
22, 18, 12
SNS1, 2, 3 Sense. Connect to VOUT1,2,3 as close to output capacitor as possible to sense output
voltage.
23, 17, 14
FB1, 2, 3 Feedback. Connect a resistor divider from output 1/2/3 to ground to set the output
voltage.
20, 16, 13
PG1, 2, 3 Power Good. Open-drain output for the power good indicator for output 1/2/3. Place
a resistor between this pin and a voltage source to detect a power good condition.
EP1, 24, 11
AGND
Analog Ground. Connect to quiet ground point away from high-current paths, for
example, COUT, for best operation. Must be connected externally to PGND.
25, 5, 8
PVIN1, 2, 3 Power Input Voltage. Connect a capacitor to PGND to localize loop currents and
decouple switching noise.
3, 6, 9
AVIN1, 2, 3 Analog Input Voltage. Connect a capacitor to AGND to decouple noise.
EP2, 10, 2, 1
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com