Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23451 Datasheet(PDF) 14 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 14 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 10Page - Microchip Technology MIC23451 Datasheet HTML 11Page - Microchip Technology MIC23451 Datasheet HTML 12Page - Microchip Technology MIC23451 Datasheet HTML 13Page - Microchip Technology MIC23451 Datasheet HTML 14Page - Microchip Technology MIC23451 Datasheet HTML 15Page - Microchip Technology MIC23451 Datasheet HTML 16Page - Microchip Technology MIC23451 Datasheet HTML 17Page - Microchip Technology MIC23451 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MIC23451
DS20006662A-page 14
2022 Microchip Technology Inc. and its subsidiaries
In HLL mode, the inductor is charged with a fixed tON
pulse on the high-side switch (HSD). After this, the LSD
is switched on and current falls at a rate of VOUT/L. The
controller remains in HLL mode while the inductor
falling current is detected to cross approximately
–50 mA. When the LSD (or tOFF) time reaches its
minimum and the inductor falling current is no longer
able to reach this –50 mA threshold, the part is in CCM
mode and switching at a virtually constant frequency.
Once in CCM mode, the tOFF time does not vary.
Therefore, it is important to note that if L is large
enough, the HLL transition level will not be triggered.
That inductor is:
EQUATION 5-2:
5.4
Compensation
The MIC23451 is designed to be stable with a 0.47 µH
to 2.2 µH inductor with a 4.7 µF ceramic (X5R) output
capacitor.
5.5
Duty Cycle
The typical maximum duty cycle of the MIC23451 is
80%.
5.6
Efficiency Considerations
Efficiency is defined as the amount of useful output
power, divided by the amount of power supplied.
EQUATION 5-3:
Maintaining high efficiency serves two purposes. It
reduces power dissipation in the power supply,
reducing the need for heat sinks and thermal design
considerations, and it reduces current consumption for
battery-powered applications. Reduced current draw
from a battery increases the device’s operating time
and is critical in hand-held devices.
There are two types of losses in switching converters:
DC losses and switching losses. DC losses are the
power dissipation of I2R. Power is dissipated in the
high-side switch during the on cycle. Power loss is
equal to the high-side MOSFET RDS(ON) multiplied by
the switch current squared. During the off cycle, the
low-side
N-channel
MOSFET conducts,
also
dissipating power. Device operating current also
reduces efficiency. The product of the quiescent
(operating) current and the supply voltage represents
another DC loss. The current required to drive the
gates on and off at a constant 4 MHz frequency, and
the switching transitions, make up the switching losses.
FIGURE 5-2:
Efficiency Under Load.
Figure 5-2 shows an efficiency curve. From no load to
100 mA, efficiency losses are dominated by quiescent
current losses, gate drive, and transition losses. By
using the HyperLight Load mode, the MIC23451 can
maintain high efficiency at low output currents.
Over 100 mA, efficiency loss is dominated by MOSFET
RDS(ON) and inductor losses. Higher input supply
voltages will increase the gate-to-source voltage on the
internal MOSFETs, thereby reducing the internal
RDS(ON). This improves efficiency by reducing DC
losses in the device. All but the inductor losses are
inherent to the device. Because of this, inductor
selection becomes increasingly critical in efficiency
calculations. As the inductors are reduced in size, the
DC resistance (DCR) can become very significant. The
DCR losses can be calculated as shown in
Equation 5-4.
EQUATION 5-4:
From that, the loss in efficiency caused by inductor
resistance can be calculated as shown in Equation 5-5.
EQUATION 5-5:
LMAX
VOUT 135ns
2 50mA
-----------------------------------
=
Efficiency %
VOUT IOUT
VIN IIN
-------------------------------
 100
=
PDCR
IOUT
2
DCR
=
Efficiency Loss
1
VOUT IOUT
VOUT IOUT
PDCR
+
---------------------------------------------------
–
100
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com