Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23451 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 9Page - Microchip Technology MIC23451 Datasheet HTML 10Page - Microchip Technology MIC23451 Datasheet HTML 11Page - Microchip Technology MIC23451 Datasheet HTML 12Page - Microchip Technology MIC23451 Datasheet HTML 13Page - Microchip Technology MIC23451 Datasheet HTML 14Page - Microchip Technology MIC23451 Datasheet HTML 15Page - Microchip Technology MIC23451 Datasheet HTML 16Page - Microchip Technology MIC23451 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 13
MIC23451
5.0
APPLICATIONS INFORMATION
The MIC23451 is a triple high performance DC-to-DC
step down regulator that offers a small solution size.
Supporting three outputs with currents up to 2A inside
a 4 mm × 4 mm FQFN package, the IC requires only
five external components per channel while meeting
today’s miniature portable electronic device needs.
Using the HyperLight Load® switching scheme, the
MIC23451 can maintain high efficiency throughout the
entire load range while providing ultra-fast load
transient response. The following sections provide
additional device application information.
5.1
Input Capacitor
A 2.2 µF or greater ceramic capacitor should be placed
close to the PVIN pin for each channel and its
corresponding PGND pin for bypassing. For example,
the Murata GRM188R61E475KE11D, size 0603,
4.7 µF ceramic capacitor is ideal, based on
performance, size, and cost. An X5R or X7R
temperature rating is recommended for the input
capacitor. Y5V temperature rating capacitors, in
addition to losing most of their capacitance over
temperature, can also become resistive at high
frequencies. This reduces their ability to filter out
high-frequency noise.
5.2
Output Capacitor
The MIC23451 is designed for use with a 2.2 µF or
greater ceramic output capacitor. Increasing the output
capacitance lowers output ripple and improves load
transient response, but could also increase solution
size or cost. A low equivalent series resistance (ESR)
ceramic output capacitor, such as the Murata
GRM188R61E475KE11D, size 0603, 4.7 µF ceramic
capacitor, is recommended based on performance,
size, and cost. Both the X7R or X5R temperature rating
capacitors are recommended. The Y5V and Z5U
temperature rating capacitors are not recommended
due to their wide variation in capacitance over
temperature and increased resistance at high
frequencies.
5.3
Inductor Selection
When selecting an inductor, it is important to consider
the following factors (not necessarily in order of
importance):
• Inductance
• Rated current value
• Size requirements
• DC resistance (DCR)
The MIC23451 is designed for use with a 0.47 µH to
2.2 µH inductor. For faster transient response, a
0.47 µH inductor yields the best result. On the other
hand, a 2.2 µH inductor yields lower output voltage
ripple. For the best compromise of these, a 1 µH is
generally recommended.
Maximum current ratings of the inductor are generally
given in two forms: permissible DC current and
saturation current. Permissible DC current can be rated
either for a 40°C temperature rise or a 10% to 20% loss
in inductance. Make sure the inductor selected can
handle the maximum operating current. When
saturation current is specified, make sure that there is
enough margin, so that the peak current does not
cause the inductor to saturate. Peak current can be
calculated as shown in Equation 5-1:
EQUATION 5-1:
As this equation shows, the peak inductor current is
inversely proportional to the switching frequency and
the inductance; the lower the switching frequency or
the inductance the higher the peak current. As input
voltage increases, the peak current also increases.
The size of the inductor depends on the requirements
of the application. Refer to the Typical Application
Schematic and Bill of Materials sections for details.
DC resistance (DCR) is also important. While DCR is
inversely proportional to size, DCR can represent a
significant efficiency loss. Refer to the Efficiency
Considerations section.
The transition between high loads (CCM) to HyperLight
Load® (HLL) mode is determined by the inductor ripple
current and the load current, as shown in Figure 5-1.
FIGURE 5-1:
Transition between CCM
Mode and HLL Mode.
The diagram shows the signals for high-side switch
drive (HSD) for tON control, the inductor current, and
the low-side switch drive (LSD) for tOFF control.
IPEAK
IOUT VOUT
+
1 VOUT
–
VIN
2 f
L
-----------------------------------
=
LOAD INCREASING
IN HLL MODE
(T
ON FIXED, TOFF VARIABLE)
IN CCM MODE
(T
ON VARIABLE, TOFF FIXED)
T
DL
I
OUT
I
OUT
HSD
I
INDUCTOR
LSD
–50mA
HSD
I
INDUCTOR
LSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com