Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23451 Datasheet(PDF) 17 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 13Page - Microchip Technology MIC23451 Datasheet HTML 14Page - Microchip Technology MIC23451 Datasheet HTML 15Page - Microchip Technology MIC23451 Datasheet HTML 16Page - Microchip Technology MIC23451 Datasheet HTML 17Page - Microchip Technology MIC23451 Datasheet HTML 18Page - Microchip Technology MIC23451 Datasheet HTML 19Page - Microchip Technology MIC23451 Datasheet HTML 20Page - Microchip Technology MIC23451 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006662A-page 17
MIC23451
6.0
TYPICAL APPLICATION SCHEMATIC
FIGURE 6-1:
MIC23451 Typical Application Schematic.
6.1
Recommended Bill of Materials
PVIN1
25
5
PVIN2
PVIN3
AVIN3
AVIN2
AVIN1
8
3
6
9
C3
10μF
C2
10μF
C1
10μF, 6.3V
R13
100 C7
4.7μF, 6.3V
R1
10k
20
PG1
VOUT1
R3
10k
VOUT2
R2
10k
21
C8
220μF, 6.3V
6SVPC220MV
PG1
VIN
J2
EN1
EN1
R4
10k
PG2
EN2
16
R5
10k
VOUT3
13
19
PG3
R6
10k
EN3
15
PG2
EN2
PG3
EN3
IC1
MIC23451-AAAYFL
SW1
SNS1
FB1
SW2
SNS2
FB2
SW3
SNS3
FB3
26
22
23
4
18
17
7
12
14
L1
1μH, 3A
R7
301k
R8
158k
C4
4.7μF, 6.3V
VOUT1
VOUT2
L2
1μH, 3A
L3
C5
4.7μF, 6.3V
R9
316k
R10
331k
VOUT3
C6
4.7μF, 6.3V
R11
294k
R12
274k
VOUT1
J6
J3
GND1
J7
VOUT2
GND2
J4
1μH, 3A
J8
VOUT3
J5
GND3
J1
GND
J9
J10
J11
J12
J13
J14
TABLE 6-1:
BILL OF MATERIALS
Item
Part Number
Manufacturer
Description
Qty.
C1, C2, C3 GRM188R60J106ME47J
Murata
Capacitor, 10 µF, Size 0603
3
C4, C5,
C6, C7
CGB3B3X5R0J475K055AB
TDK
Capacitor, 4.7 µF, Size 0603
4
GRM188R61E475KE11D
Murata
C8
EEU-FR1A221B
Panasonic
Electrolytic Capacitor, 220 µF, 10V, Size 6.3 mm
1
R1, R2,
R3, R4,
R5, R6
CRCW060310K0FKEA
Vishay
Resistor, 10 kΩ, Size 0603
6
R7
CRCW0603301K0FKEA
Vishay
Resistor, 301 kΩ, Size 0603
1
R8
CRCW0603158K0FKEA
Vishay
Resistor, 158 kΩ, Size 0603
1
R9
CRCW0603316K0FKEA
Vishay
Resistor, 316Ω, Size 0603
1
R10
CRCW0603331K0FKEA
Vishay
Resistor, 331 kΩ, Size 0603
1
R11
CRCW0603294K0FKEA
Vishay
Resistor, 294 kΩ, Size 0603
1
R12
CRCW0603274K0FKEA
Vishay
Resistor, 274 kΩ, Size 0603
1
L1, L2, L3
VLS3012HBX-1R0M
TDK
1 µH, 2A, 60 mΩ,
L3.0 mm x W3.0 mm x H1.0 mm
3
LQH44PN1R0NJ0
Murata
1 µH, 2.8A, 50 mΩ,
L4.0 mm x W4.0 mm x H1.2 mm
U1
MIC23451-AAAYFL
Microchip
3 MHz PWM 2A Buck Regulator with
HyperLight® Load
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com