Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5072 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) LM5072 Datasheet HTML 18Page - National Semiconductor (TI) LM5072 Datasheet HTML 19Page - National Semiconductor (TI) LM5072 Datasheet HTML 20Page - National Semiconductor (TI) LM5072 Datasheet HTML 21Page - National Semiconductor (TI) LM5072 Datasheet HTML 22Page - National Semiconductor (TI) LM5072 Datasheet HTML 23Page - National Semiconductor (TI) LM5072 Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
PCB Layout Guidelines (Continued)
2.
When selecting the RAUX power option only, delete C1,
D3, D7, J2, P1, P2 and R6.
3.
When neither FAUX nor RAUX power options are se-
lected, delete all the parts mentioned in (1) and (2)
above.
4.
When only a single output is required, delete C11
through C14, C17, D8, J6, J7, L2, R10 and Z4. Modify
T1 design to delete the unwanted second output winding
and increase the copper used for the single output wind-
ing. This re-configuration should make use of the spare
pins of the transformer.
5.
R24 should be deleted from the schematic completely,
being replaced by a short connection for an isolated
application, or by an open for a non-isolated application.
6.
Jumpers P5 and P6 (Figure 20) should be deleted from
the schematic completely, being replaced by a short
connection for an isolated application, or by an open for
a non-isolated application.
7.
When the output is non-isolated, delete C20, C22, C25,
R7, R11, R16, R17, R24, U2, and U3. Replace C28 with
a short connection, and replace P5 and P6 with short
connections.
8.
One may also modify the number of input and output
capacitors to achieve a more optimized design.
Consider the following when starting the PCB design:
1.
Try to use both sides of the PCB for part placement to
facilitate both layout and routing.
2.
Place the power components in a pattern that minimizes
the lengths of the high current paths on the PCB.
3.
Place the LM5072 and its critical peripheral parts
closely. Bypass capacitors and transient protection ele-
ments should be near the LM5072.
4.
Route the critical traces first, including both power and
signal traces. Make the length of the trace as short as
possible, and avoid excessive use of via holes.
5.
Pay attention to grounding issues. Each reference
ground should be a copper plane or island. Use via
holes if necessary for direct connections of devices to
their appropriate return ground plane or island. Identify
the following ground returns:
Primary power return COM: C4, C5, C6, R14, R15,
R29, C3, P4, J3-pins 2 and 3, U1-pin 8, C28, and C29
are all returned to the COM ground plane.
Primary control signal return, a ground return island:
C19, T1-pin 2, C23, U2-pin 3, R24, C26, C21, and
U1-pin 16 are all returned to this island, and the island
should be single point connected to the COM ground
plane.
Secondary power return IGND: T1-pins 6 and 7, C7
through C10, C12 through C17, C28, Z4, J5, and J7 are
all returned to the IGND ground plane.
Secondary control signal return, a ground return is-
land: R18, U3 and C20 are all returned to this island, and
the island should be single point connected to the IGND
ground plane.
Also consider the following during PCB layout and routing.
1.
Place the following power components in each group as
close as possible:
C4, C5 (if used), the primary winding of T1, Q1, and
R14/R15. The high frequency switching current (pulse
current) flows through these parts in a loop. The physical
area enclosed by the loop should be as small as pos-
sible.
D5, C7 through C10, and the secondary winding of T1
for the main output. The high frequency switching cur-
rent for the main output rail flows through these parts in
a loop. The physical area enclosed by the loop should
be as small as possible.
D8, C12 and C13, and the secondary winding of T1 for
the second output, if used. The high frequency switching
current for the second output rail flows through these
parts in a loop. The physical area enclosed by the loop
should be as small as possible.
L3, C15, C16, J4 and J5 (if posts are used). L3 should
also be as close as possible to the capacitor bank
consisting of C7 through C10 in order to minimize the
conduction losses on the PCB. Ceramic capacitor C15
should be placed directly at the output port.
L2, C14, C17, Z4, J6 and J7 (if posts are used) for the
second output rail. L2 should also be as close as pos-
sible to C12 and C13 in order to minimize the conduction
losses on the PCB. Ceramic capacitor C14 should be
directly placed at the output port
2.
U1 (LM5072) should be placed close to Q1 in the orien-
tation such that the gate drive output pin (OUT, Pin 9) is
close to Q1’s gate.
3.
(iii) Z2 and C27 must be placed directly across the VIN
and VEE pins for best protection against input tran-
sients. In a rear auxiliary application, C27 should be
removed and C29 should be installed very close to the
RTN and VEE pins.
4.
C19 should be placed directly across the VCC and
ARTN pins.
5.
C23 should be placed directly across the CS and ARTN
pins.
6.
R21 should be placed directly across the RT and ARTN
pins.
7.
C26 should be placed directly across the SS and ARTN
pins.
8.
C21 should be placed directly across the nPGOOD and
ARTN pins.
9.
R25 should be directly routed from the output port.
10. R9 should be directly routed from R14/R15.
11. D6 and Z1 should be placed to achieve the shortest
connection from C4 or C5 to the drain pad(s) of Q1 for
better snubbing.
12. C2 and R4 should be placed to achieve the shortest
connection across D5.
13. Q1, D5, D8, and U1 (LM5072) should be installed on
thermal pads having adequate thermal vias down
through all PCB Layers and an exposed thermal pad on
the other side of the PCB.
14. Avoid spiral trace pattern.
15. Avoid placing switching traces near any traces in the
regulator feedback loop.
16. Pay attention to trace width. Try to make the power
traces as wide as possible. Conversely, do not make
signal traces wider than needed.
After the first placement and routing is completed, make
necessary modifications to optimize the design.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com