Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5072 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 7Page - National Semiconductor (TI) LM5072 Datasheet HTML 8Page - National Semiconductor (TI) LM5072 Datasheet HTML 9Page - National Semiconductor (TI) LM5072 Datasheet HTML 10Page - National Semiconductor (TI) LM5072 Datasheet HTML 11Page - National Semiconductor (TI) LM5072 Datasheet HTML 12Page - National Semiconductor (TI) LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Modes of Operation
Per the IEEE 802.3af specification, when a PD is connected
to a PoE system it transitions through several operating
modes in sequence including detection, classification (op-
tional), turn on, normal operation, and power removal. Each
operating mode corresponds to a specific PoE voltage range
fed through the Ethernet cable. Figure 3 shows the IEEE
802.3af specified sequence of operating modes and the
corresponding PD input voltages.
Current steering diode-bridges are required for the PD inter-
face to accept all allowable connections and polarities of
PoE voltage from the RJ-45 connector (see the example
application circuits in Figures 18, 19, 20 and 21). The bridge
will cause some reduction of the input voltage sensed by the
LM5072. To guarantee full compliance to the specification in
all operating modes, the LM5072 takes into account the
voltage drop across the bridge diodes and responds appro-
priately to the voltage received from the PoE cable. Table 1
presents the response in each operating mode to voltages
across the VIN and VEE pins.
TABLE 1. Operating Modes With Respect To Input Voltage
Mode of Operation
Voltage from PoE Cable per
IEEE 802.3af
LM5072 Input Voltage
(V
IN pin to VEE pin)
Detection (Signature)
2.7V to 10.0V
1.5V to 10.0V
Classification
14.5V to 20.5V
12V to 23.5V
Startup
42V max
38V (UVLO Release, V
IN Rising)
Normal Operation
57V to 36V
75V to 32V (UVLO, V
IN Falling)
20184617
FIGURE 3. Sequence of PoE Operating Modes
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com