Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5072 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM5072 Datasheet HTML 9Page - National Semiconductor (TI) LM5072 Datasheet HTML 10Page - National Semiconductor (TI) LM5072 Datasheet HTML 11Page - National Semiconductor (TI) LM5072 Datasheet HTML 12Page - National Semiconductor (TI) LM5072 Datasheet HTML 13Page - National Semiconductor (TI) LM5072 Datasheet HTML 14Page - National Semiconductor (TI) LM5072 Datasheet HTML 15Page - National Semiconductor (TI) LM5072 Datasheet HTML 16Page - National Semiconductor (TI) LM5072 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Classification (Continued)
LM5072 is operated at elevated ambient temperatures and
the classification time exceeds the IEEE802.3af limit of 75
ms.
When the classification option is not required, simply leave
the RCLASS pin open to set the PD to the default Class 0
state. Class 0 requires that the PSE allocate the maximum
IEEE802.3af specified power of 15.4 W (12.95 W at the PD
input terminals) to the PD.
Undervoltage Lockout (UVLO)
The LM5072’s internal preset UVLO circuit continuously
monitors the PoE input voltage between the VIN and VEE
pins. When the V
IN voltage rises above 38V nominal, the
UVLO circuit will release the hot swap MOSFET and initiate
the startup inrush sequence. When the V
IN voltage falls
below 31V nominal during normal operating mode, the
LM5072 disables the PD by shutting off the hot swap
MOSFET.
Figure 6 illustrates the block diagram of the LM5072 UVLO
circuit. This function requires no external components. The
UVLO signal can be over-ridden by the front auxiliary power
option (see details in the FAUX section) to allow the hot
swap MOSFET of the LM5072 to pass power from front
auxiliary power sources at voltage levels below the PoE
operating voltage. In the rear auxiliary power application
(see RAUX section), the auxiliary power source bypasses
the hot swap MOSFET and is applied directly to the input of
the DC-DC converter. The UVLO function does not need to
be over-ridden in this configuration.
The PD can draw a maximum current of 400 mA during
standard 802.3af PoE operation. This current will cause a
voltage drop of up to 8V over a 100m long Ethernet cable.
The PD front-end current steering diode bridges may intro-
duce an additional 2V drop. In order to guarantee successful
startup at the minimum PoE voltage of 42V, and to continue
operation at the minimum requirement of 36V as specified by
IEEE 802.3af, these voltage drops must be taken into ac-
count. Therefore, the LM5072 UVLO thresholds have been
set to 38V on the rising edge of VIN, and 31V on the falling
edge of VIN. The 7V nominal hysteresis of the UVLO func-
tion, in addition to the inrush current limit (discussed in the
next section), prevents false starts and chattering during
startup.
Inrush Current Limit Programming
According to IEEE 802.3af, the input capacitance of the PD
power supply must be at least 5 µF (between the VIN and
RTN pins). Considering the capacitor tolerance and the ef-
fects of voltage and temperature, a nominal capacitor value
of at least 10 µF is recommended to ensure 5 µF minimum
under all conditions. A greater amount of capacitance may
be needed to filter the input ripple of the DC-DC converter.
The input capacitors remain discharged during detection and
classification modes of the PD interface. The hot swap MOS-
FET is turned on after the VIN minus VEE voltage difference
rises above the UVLO release threshold of 38V nominal.
When enabled, the hot swap MOSFET delivers a regulated
inrush current to charge the input capacitors of the DC-DC
converter. To prevent excessive inrush current, the LM5072
20184620
FIGURE 6. Preset Input UVLO Function
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com