Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5072 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5072 Datasheet HTML 1Page - National Semiconductor (TI) LM5072 Datasheet HTML 2Page - National Semiconductor (TI) LM5072 Datasheet HTML 3Page - National Semiconductor (TI) LM5072 Datasheet HTML 4Page - National Semiconductor (TI) LM5072 Datasheet HTML 5Page - National Semiconductor (TI) LM5072 Datasheet HTML 6Page - National Semiconductor (TI) LM5072 Datasheet HTML 7Page - National Semiconductor (TI) LM5072 Datasheet HTML 8Page - National Semiconductor (TI) LM5072 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM5072
Integrated 100V Power Over Ethernet PD Interface and
PWM Controller with Aux Support
General Description
The LM5072 Powered Device (PD) interface and Pulse-
Width-Modulation (PWM) controller provides a complete
power solution, fully compliant to IEEE 802.3af, for the PD
connecting into Power over Ethernet (PoE) networks. This
controller integrates all functions necessary to implement
both a PD powered interface and DC-DC converter with a
minimum number of external components. The LM5072 pro-
vides the flexibility for the PD to also accept power from
auxiliary sources such as AC adapters in a variety of con-
figurations. The low RDS(ON) PD interface hot swap MOS-
FET and programmable DC current limit extend the range of
LM5072 applications up to twice the power level of 802.3af
compliant PD devices. The 100V maximum voltage rating
simplifies selection of the transient voltage suppressor that
protects the PD from network transients. The LM5072 in-
cludes an easy-to-use PWM controller that facilitates the
various single-ended power supply topologies including the
flyback, forward and buck. The PWM control scheme is
based on peak current mode control, which provides inher-
ent advantages including line feed-forward, cycle-by-cycle
current limit, and simplified feedback loop compensation.
Two versions of the LM5072 provide either an 80% maxi-
mum duty cycle (-80 suffix), or a 50% maximum duty cycle
(-50 suffix).
Features
PD Interface
n
Fully Compliant IEEE 802.3af PD Interface
n
Versatile Auxiliary Power Options
n
9V Minimum Auxiliary Power Operating Range
n
100V Maximum Input Voltage Rating
n
Programmable DC Current Limit Up To 800mA
n
100V, 0.7
Ω Hot Swap MOSFET
n
Integrated PD Signature Resistor
n
Integrated PoE Input UVLO
n
Programmable Inrush Current Limit
n
PD Classification Capability
n
Power Good Indicator
n
Thermal Shutdown Protection
PWM Controller
n
Current Mode PWM Controller
n
100V Start-up Regulator
n
Error Amplifier with 2% Voltage Reference
n
Supports Isolated and Non-Isolated Applications
n
Programmable Oscillator Frequency
n
Programmable Soft-Start
n
800 mA Peak Gate Driver
n
80% Maximum Duty Cycle with Built-in Slope
Compensation (-80 device)
n
50% Maximum Duty Cycle, No Slope Compensation
(-50 device)
Applications
n
IEEE 802.3af Compliant PoE Powered Devices
n
Non-Compliant, Application Specific Devices
n
Higher Power Ethernet Powered Devices
Packages
n
TSSOP-16 EP (Exposed Pad)
Simplified Application Diagram
20184601
March 2006
© 2006 National Semiconductor Corporation
DS201846
www.national.com


Similar Part No. - LM5072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
LM5072 TI2-LM5072 Datasheet
985Kb / 37P
LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
REVISED APRIL 2013
LM5072MH-50/NOPB TI1-LM5072MH-50/NOPB Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
LM5072MH-80/NOPB TI1-LM5072MH-80/NOPB Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
LM5072MH-80/NOPB TI2-LM5072MH-80/NOPB Datasheet
985Kb / 37P
LM5072 Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
REVISED APRIL 2013
More results

Similar Description - LM5072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Texas Instruments
LM5071MT-50-NOPB TI1-LM5071MT-50-NOPB Datasheet
1Mb / 24P
LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5073 TI1-LM5073_14 Datasheet
1Mb / 27P
100V Power Over Ethernet PD Interface with Aux Support
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
100V Power Over Ethernet PD Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com