Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953X Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4953X
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953X Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4953X Datasheet HTML 5Page - Infineon Technologies AG TLE4953X Datasheet HTML 6Page - Infineon Technologies AG TLE4953X Datasheet HTML 7Page - Infineon Technologies AG TLE4953X Datasheet HTML 8Page - Infineon Technologies AG TLE4953X Datasheet HTML 9Page - Infineon Technologies AG TLE4953X Datasheet HTML 10Page - Infineon Technologies AG TLE4953X Datasheet HTML 11Page - Infineon Technologies AG TLE4953X Datasheet HTML 12Page - Infineon Technologies AG TLE4953X Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TLE4953x
Functional Description
Data Sheet
9
Version 4.1, 2018-01-02
DR-R information is issued in the output pulse length when the active target wheel in front of the Hall Effect IC
moves from the pin GND to the pin VCC.
Figure 2-3 Definition of Rotation Direction
2.1
Circuit description
The circuit internally is supplied by a voltage regulator. A 2 MHz on-chip oscillator serves as a clock generator for
the DSP and the output encoder.
2.2
Speed signal circuitry
TLE4953 speed signal path comprises a pair of Hall Effect probes, separated from each other by 2.5 mm, a
differential amplifier including noise limiting low-pass filter, and a comparator triggering a switched current output
stage. An offset cancellation feedback loop is provided through a signal-tracking A/D converter, a digital signal
processor (DSP), and an offset cancellation D/A converter.
2.3
Uncalibrated mode
Occasionally a short initial offset settling time td,input might delay the detection of the input signal. (The sensor is
"blind"). During the startup phase (un-calibrated mode) the output is disabled (I = ILow). The magnetic input signal
is tracked by the speed ADC and monitored within the digital circuit. For detection the signal needs to exceed a
threshold (digital noise constant d1). When the signal slope is identified as a rising edge, a trigger pulse is issued
to a comparator. A second trigger pulse is issued as soon as the next rising edge is detected.
Between the start-up of the magnetic input signal and the time when its second extreme is reached, the PGA
(programmable gain amplifier) will switch to its appropriate position. This value is determined by the signal
amplitude and initial offset value. The digital noise constant value is changing accordingly (d1
→ d2, related to the
corresponding PGA states), leading to a change in phase shift between magnetic input signal and output signal.
After that consecutive output edges should have a nominal delay of about 360°. During the uncalibrated mode the
offset value is calculated by the peak detection algorithm as described below.
The differential input signal is digitized in the speed A/D converter and fed into the DSP part of the circuit. The
minimum and maximum values of the input signal are extracted and their corresponding arithmetic mean value is
calculated. The offset of this mean value is determined and fed into the offset cancellation DAC.
The offset update takes place when two valid extremes are found and the direction of the update has the same
orientation as the magnetic slope (valid for calibrated mode). For example an positive offset update is only possible
on a rising magnetic edge. The offset update is done independant from the output switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com