Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953X Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE4953X
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953X Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE4953X Datasheet HTML 10Page - Infineon Technologies AG TLE4953X Datasheet HTML 11Page - Infineon Technologies AG TLE4953X Datasheet HTML 12Page - Infineon Technologies AG TLE4953X Datasheet HTML 13Page - Infineon Technologies AG TLE4953X Datasheet HTML 14Page - Infineon Technologies AG TLE4953X Datasheet HTML 15Page - Infineon Technologies AG TLE4953X Datasheet HTML 16Page - Infineon Technologies AG TLE4953X Datasheet HTML 17Page - Infineon Technologies AG TLE4953X Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TLE4953x
Specifications
Data Sheet
14
Version 4.1, 2018-01-02
3.5
Timing Characteristics
PWM Current Interface
Between each magnetic transition and the rising edge of the corresponding output pulse the output current is Low
for tpre-low in order to allow reliable internal conveyance. Following the signal pulse (current is High) is output. If
the magnetic direction field exceeds
ΔBDir, the output pulse lengths are 60 µs or 120 µs respectively, depending
on the direction of rotation. If the magnitude of the magnetic direction field is below
ΔBdir, the output pulses are
suppressed when the frequency is below fDR,max (see section vibration suppression). For magnitudes of the
magnetic differential field below
ΔBLimit the signal is lost. Speed pulse occur only at the first pulse after start up
or above fDR, max. If no magnetic differential signal change is detected the IC will remain in calibrated mode. No
internal reset are generated - therefore a zero speed operation is possible.
Magnetic differential field
change required for
startup with 1st rising edge
∆BLimit,early startup
peak to peak value
∆BLimit,early startup
3.5
mT
Period Jitter5), f ≤ 2500 Hz SJit-far,
Tj≤150 °C
± 2
%
5) 1σ value, V
DD= 12 V,
∆Bspeed > 4 mT peak to peak
SJit-far,
Tj≤170 °C
± 3
%
Period Jitter5), 2500Hz< f ≤
12000 Hz
SJit-far,
Tj≤150 °C
± 3
%
5) 1σ value, V
DD = 12 V,
∆Bspeed > 4 mT peak to peak
SJit-far,
Tj≤170 °C
± 4.5
%
Jitter at board net ripple5)
SJit-AC
--
± 2
%
VCC = 13 V ± 3 Vpp;
0 ≤ f ≤ 50 kHz
∆Bspeed= 15 mT
1)
∆BLimit, is calculated out of measured sensitivity.
2) 99% criterion stands for 1 out of 100 pulses is missing.
3) The first 2 pulses may contain only direction information if the direction signal is above DBDir.The first pulse after starting
will be the speed pulse.
4) High frequency behaviour not subject to production test - verified by design/characterization.
5) Not subject to production test, verified by design/characterization.
Table 3-4
Electrical Characteristics
(cont’d)
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com