Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953X Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4953X
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953X Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4953X Datasheet HTML 12Page - Infineon Technologies AG TLE4953X Datasheet HTML 13Page - Infineon Technologies AG TLE4953X Datasheet HTML 14Page - Infineon Technologies AG TLE4953X Datasheet HTML 15Page - Infineon Technologies AG TLE4953X Datasheet HTML 16Page - Infineon Technologies AG TLE4953X Datasheet HTML 17Page - Infineon Technologies AG TLE4953X Datasheet HTML 18Page - Infineon Technologies AG TLE4953X Datasheet HTML 19Page - Infineon Technologies AG TLE4953X Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TLE4953x
Specifications
Data Sheet
16
Version 4.1, 2018-01-02
3.6
Electro Magnetic Compatibility
Electro Magnetic Compatibility (values depends on
RM!).
Note: Characterization of Electro Magnetic Compatibility is carried out on samples based on one qualification lot.
Not all specification parameters have been monitored during EMC exposure. Only key parameters e.g.
switching current have been monitored.
1. Ref. ISO 7637-1; test circuit 1;
∆B =2 mT (amplitude of sinus signal); VCC = 13.5V, fB = 100 Hz; T = 25 °C; RM ≥ 75 Ω
Table 3-6
Conducted Pulses
Parameter
Symbol
Level/Type
Status
Ref. ISO 7637-1; test circuit 1;
∆B = 2 mT (amplitude of sinus signal); VCC=13.5V, fB = 100 Hz; T = 25 °C; RM ≥ 75 Ω
Testpulse 1
VEMC
IV / -100 V
C1)
1) According to 7637-1 the supply switched "OFF" for t = 200 ms.
Testpulse 2
IV / 100 V
C1)
Testpulse 3a
IV / -150 V
A
Testpulse 3b
IV / 100 V
A
Testpulse 4
IV / -7 V
B2)
2) According to 7637-1 for test pulse 4 the test voltage shall be 12 V ± 0.2 V. Measured with RM =75W only. Mainly the current
consumption will decrease. Status C with test circuit 1.
Testpulse 5
IV / 86.53) V
3) Applying in the board net a suppressor diode with sufficient energy absorption capability.
C
Table 3-7
Coupled Pulses
Parameter
Symbol
Level/Typ
Status
Ref. ISO 7637-3; test circuit 1;
∆B = 2 mT (amplitude of sinus signal); VCC=13.5V, fB = 100 Hz; T = 25 °C; RM ≥ 75 Ω
Testpulse 1
VEMC
IV / -30 V
A
Testpulse 2
IV / 30 V
A
Testpulse 3a
IV / -60 V
A
Testpulse 3b
IV / 40 V
A
Table 3-8
TEM-cell measurement
Parameter
Symbol
Level/Typ
Status
Ref. ISO 11452-3; test circuit 1; measured in TEM-cell
∆B = 2 mT; VCC=13.5V, fB = 100 Hz; T = 25 °C
EMC field strength
(TLE4953)
ETemCell
IV / 200 V/m
AM = 80%
f =1 kHz
EMC field strength
(TLE4953C)
ETemCell
IV / 250 V/m
AM=80%
f =1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com