Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4953X Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4953X
Description  Differential Hall Effect Transmission Speed Sensors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4953X Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4953X Datasheet HTML 9Page - Infineon Technologies AG TLE4953X Datasheet HTML 10Page - Infineon Technologies AG TLE4953X Datasheet HTML 11Page - Infineon Technologies AG TLE4953X Datasheet HTML 12Page - Infineon Technologies AG TLE4953X Datasheet HTML 13Page - Infineon Technologies AG TLE4953X Datasheet HTML 14Page - Infineon Technologies AG TLE4953X Datasheet HTML 15Page - Infineon Technologies AG TLE4953X Datasheet HTML 16Page - Infineon Technologies AG TLE4953X Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TLE4953x
Specifications
Data Sheet
13
Version 4.1, 2018-01-02
3.4
Electrical Characteristics
All values specified at constant amplitude and offset of input signal, over operating range, unless otherwise
specified. Typical values correspond to VDD = 12 V and Tj = 25 °C
Table 3-4
Electrical Characteristics
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply current low
ILow
5.9
7
8.4
mA
Supply current high
IHigh
11.8
14
16.8
mA
Supply current ratio
IHigh/ILow
1.9
-
-
Output rise/fall slew rate
TLE4953
tr, tf
12
-
26
mA/μs
RM = 75 Ω,
Tj 170 °C
Output rise/fall slew rate
TLE4953C
tr, tf
8-
26
mA/μs
RM = 75 Ω,
Tj 170 °C
Current ripple dIx/dVcc
Ix
--
90
μA/V
Only valid for TLE4953
Limit threshold speed
0Hz f 2500Hz
2500Hz f 12000Hz
∆BLimit
0.35
0.8
1.5
1.75
mT
Peak to peak value
50% criteria1)
Limit differential direction
signal
0Hz f 1100Hz
∆BDir
0.35
0.73
mT
Peak to peak value
99% criteria1)2)
Initial calibration delay
time
td,input
-
300
345
μs
Additional to nstart
Magnetic edges required
for first output pulse
(no previous vibration
detected)5)
nstart
-
-
2
magn.
edges
pulse occurs only on rising
magnetic edge
Number of pulse in
uncalibrated mode5)
nDZ-Startup
2
pulses
3rd pulse calibrated
Number of emitted pulses
with invalid direction
Information3)
nDR-Start
--
24)
pulses
3rd pulse correct
Frequency
f
0
-
12000
Hz
4)
Systematic phase error of
output edges during start-
up and uncalibrated mode
-88
+88
°
Systematical phase error of
“uncal” pulse; nth vs. n+1th
pulse (does not include jitter)
Phase shift during
transition from
uncalibrated to calibrated
mode
ΔΦswitch
-90
+90
°
Phase shift change during
PGA switching in
calibrated mode
0
80
°
Due to adaptive hysteresis.
Depending on signal shape.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com