Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART700FH Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # ART700FH
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FH Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  ART700FH Datasheet HTML 1Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 2Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 3Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 4Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 5Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 6Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 7Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ART700FH
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2021
3 of 16
ART700FH
Power LDMOS transistor
6.
Characteristics
(1)
 = 1 %
(2)
 = 2 %
(3)
 = 5 %
(4)
 = 10 %
(5)
 = 20 %
(6)
 = 50 %
(7)
 = 100 % (DC)
Fig 1.
Transient thermal impedance from junction to case as a function of pulse
duration
amp01661
10-7
10-6
10-5
10-4
10-3
10-2
10-1
1
10
0
0.04
0.08
0.12
0.16
0.2
tp (s)
Zth(j-c)
th(j-c)
Zth(j-c)
(K/W)
(K/W)
(K/W)
(7)
(7)
(7)
(6)
(6)
(6)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
Table 6.
DC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID = 2.8 mA
177
191
-
V
VGS(th)
gate-source threshold voltage
VDS =20 V; ID = 275 mA
1.5
2.1
2.5
V
IDSS
drain leakage current
VGS =0V; VDS =50V
-
-
1.4
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =20V
-40
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
140
nA
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID = 9.625 A
-
0.171 -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com