Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART700FH Datasheet(PDF) 12 Page - Ampleon Netherlands B.V.

Part # ART700FH
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FH Datasheet(HTML) 12 Page - Ampleon Netherlands B.V.

Back Button ART700FH Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 9Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 10Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 11Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 12Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 13Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 14Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 15Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 16Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ART700FH
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2021
12 of 16
ART700FH
Power LDMOS transistor
8.
Package outline
Fig 17. Package outline SOT1214A
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1214A
12-08-16
12-10-10
Flanged ceramic package; 2 mounting holes; 4 leads
SOT1214A
sot1214a_po
Unit(1)
mm
max
nom
min
4.72
3.43
6.17
5.92
20.02
19.61
19.96
19.66
8.21
9.50
9.29
19.94
18.92
14.24
27.94
0.51
A
Dimensions
bD
D1
eE1
F
1.14
0.89
HH1
p
3.38
3.12
9.91
9.65
qU1
34.16
33.91
U2
w1
0.25
w2
w3
inches
max
nom
min
0.187
0.135
0.243
0.233
0.15
0.08
c
0.006
0.003
0.788
0.772
9.53
9.27
E
0.375
0.365
0.786
0.774
0.323
0.374
0.366
0.785
0.745
0.56
1.10
0.02
0.045
0.035
0.133
0.123
Q(2)
1.70
1.45
0.067
0.057
0.39
0.38
1.345
1.335
0.01
0.25
0.01
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. dimension is measured 0.030 inch (0.76 mm) from body.
05
scale
10 mm
D
D1
A
F
C
w2
B
C
q
H1
U1
1
3
2
5
4
A
U2
H
p
A
w1
B
e
w3
b
E
c
Q
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com