Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART700FH Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # ART700FH
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FH Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  ART700FH Datasheet HTML 1Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 2Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 3Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 4Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 5Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 6Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 7Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
Product profile
1.1 General description
Based on Advanced Rugged Technology (ART), this 700 W LDMOS RF power transistor
has been designed to cover a wide range of applications for ISM, broadcast and non
cellular communications. The unmatched transistor has a frequency range of 1 MHz to
450 MHz.
[1]
Production circuit.
[2]
tp =100 s;  = 10 %.
1.2 Features and benefits
High breakdown voltage enables class E operation at VDS =48 V
Suitable for VDS = 50 and 55 V
Qualified up to a maximum of VDS =55V
Characterized from 30 V to 55 V to support a wide range of applications
Integrated dual sided ESD protection enables class C operation and complete switch
off of the transistor
Excellent ruggedness with no device degradation
High efficiency
Excellent thermal stability
Designed for broadband operation
For RoHS compliance see the product details on the Ampleon website
1.3 Applications
Industrial, scientific and medical applications
Plasma generators
MRI systems
CO2 lasers
Particle accelerators
Broadcast
FM radio
VHF TV
Communications
Non cellular communications
UHF radar
ART700FH
Power LDMOS transistor
Rev. 1 — 24 September 2021
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW pulsed [1][2]
108
50
700
27
81.5
CW pulsed [1][2]
108
55
800
28.5
80
CW [1]
108
55
800
27.5
79.5


Similar Part No. - ART700FH

ManufacturerPart #DatasheetDescription
logo
LEM
ART-B22-D125 LEM-ART-B22-D125 Datasheet
1Mb / 12P
Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
18January2018 version 6
ART-B22-D125/SP3 LEM-ART-B22-D125/SP3 Datasheet
1Mb / 12P
Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
18January2018 version 6
ART-B22-D125/SP4 LEM-ART-B22-D125/SP4 Datasheet
1Mb / 12P
Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
18January2018 version 6
ART-B22-D125/SP6 LEM-ART-B22-D125/SP6 Datasheet
1Mb / 12P
Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
18January2018 version 6
ART-B22-D175 LEM-ART-B22-D175 Datasheet
1Mb / 12P
Flexible clip-around Rogowski coil for the electronic measurement of AC current with galvanic separation between the primary circuit (power) and the secondary circuit (measurement).
18January2018 version 6
More results

Similar Description - ART700FH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com