Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART700FH Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # ART700FH
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FH Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button ART700FH Datasheet HTML 2Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 3Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 4Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 5Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 6Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 7Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 9Page - Ampleon Netherlands B.V. ART700FH Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ART700FH
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2021
6 of 16
ART700FH
Power LDMOS transistor
7.3 Test circuit
Printed-Circuit Board (PCB):
RO4350B; r = 3.48 F/m; thickness = 0.762 mm.
See Table 10 for a list of components.
Fig 4.
Component layout
200 mm
90 mm
amp01670
C7
C4
C19
C16
C3
C5
R1
C6
C2
C8
C1
R2
T1
C18
C17
T3
C15
T4
R8
R5
R6
C23
C11
C9
C27
C25
L3
L4
R7
R4
R3
C22
C10
+
C24
L1
L2
C26
C12
C13
C14
C21
T2
+
24.5 mm
61 mm
27 mm
21 mm
C20
Table 10.
List of components
For test circuit see Figure 4.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
510 pF
[1]
C2, C3
multilayer ceramic chip capacitor
62 pF
[1]
C4
multilayer ceramic chip capacitor
160 pF
[1]
C5, C6, C22, C23
multilayer ceramic chip capacitor
820 pF
[1]
C7, C8
multilayer ceramic chip capacitor
4.7
F, 50 V
Murata: GRM32ER71H475KA88L
C9, C10
multilayer ceramic chip capacitor
36 pF
[1]
C11, C12, C13, C14
multilayer ceramic chip capacitor
56 pF
[1]
C15
multilayer ceramic chip capacitor
43 pF
[1]
C16
multilayer ceramic chip capacitor
47 pF
[1]
C17, C18, C19, C20
multilayer ceramic chip capacitor
62 pF
[1]
C21
multilayer ceramic chip capacitor
220 pF
[1]
C24, C25
multilayer ceramic chip capacitor
4.7
F, 100 V
TDK: C5750X7R2A475KT/A
C26, C27
electrolytic capacitor
1500
F, 80 V
radial leaded
L1, L3
1 mm copper wire
5 turn, D = 4 mm
L2, L4
1 mm copper wire
3 turn, D = 4 mm
R1, R2
chip resistor
4.7 k
SMD 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com