Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M9LS250 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLC2425M9LS250
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M9LS250 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLC2425M9LS250 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLC2425M9LS250
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 20 December 2016
4 of 11
BLC2425M9LS250
Power LDMOS transistor
7.3 Test circuit
Fig 1.
Definition of transistor impedance
001aag189
drain
ZL
ZS
gate
Printed-Circuit Board (PCB): Rogers 6035HTC; thickness = 0.762 mm;
thickness copper plating = 35
m.
See Table 9 for a list of components.
Fig 2.
Component layout for production test circuit
Table 9.
List of components
See Figure 2 for component layout.
Component
Description
Value
Remarks
C1, C2, C3, C4, C5, C6
multilayer ceramic chip capacitor
15 pF
ATC100A150FW150XC
C7, C8, C9, C10
multilayer ceramic chip capacitor
1
F
Murata
C11, C12
electrolytic capacitor
10
F
R1, R2
resistor
2.1
SMD 0805
amp00116
60 mm
40 mm
40 mm
C3
C7
R1
C1
C2
C9
C10
C12
C4
C6
R2
C11
C5
C8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com