Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M9LS250 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLC2425M9LS250
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M9LS250 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLC2425M9LS250 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BLC2425M9LS250
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 20 December 2016
5 of 11
BLC2425M9LS250
Power LDMOS transistor
7.4 Graphical data
VDS =32V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS =32V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
Fig 3.
Power gain and drain efficiency as function of
output power; typical values
Fig 4.
Power gain and drain efficiency as function of
output power; typical values
VDS =32V; IDq =20mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS =32V; IDq =20mA; PL = 250 W.
Fig 5.
Output power as a function of input power;
typical values
Fig 6.
Drain efficiency as a function of frequency;
typical values
aaa-019341
0
50
100
150
200
250
300
350
400
020
530
10
40
15
50
20
60
25
70
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-019342
46
48
50
52
54
56
020
530
10
40
15
50
20
60
25
70
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-019343
0
2.5
5
7.5
10
12.5
15
0
100
200
300
400
Pi (W)
PL
PL
(W)
(W)
(W)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)
aaa-019344
2300
2350
2400
2450
2500
2550
2600
57
59
61
63
65
f (MHz)
ηD
ηD
(%)
(%)
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com