Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M9LS250 Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLC2425M9LS250
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M9LS250 Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLC2425M9LS250 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 11Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BLC2425M9LS250
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 20 December 2016
7 of 11
BLC2425M9LS250
Power LDMOS transistor
8. Package outline
Fig 9.
Package outline SOT1270-1
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1270-1
16-09-28
16-11-15
1
-
0
7
2
1
T
O
S
s
d
a
e
l
2
;
e
g
a
k
c
a
p
d
e
g
n
a
l
f
s
s
e
l
r
a
e
c
i
t
s
a
l
p
y
t
i
v
a
c
r
i
A
sot1270-1_po
Note
1. Dimension Q is measured 0.1 mm away from the flange.
2. Ringframe and/or ringframe glue shall not overhang at the side of the flange.
c
Q
H
A
U2
B
A
w1
B
D1
w2
B
b
D
U1
1
2
F
E
E1
0
scale
5
vA
y
10 mm
Unit
mm
max
nom
min
4.01
3.40
12.80
12.60
9.80
9.50
1.68
1.45
A
Dimensions
D
b
1
EE1
HQ(1)
U1
20.70
20.50
9.91
9.70
U2
0.18
0.13
c
20.42
20.12
D
1.14
0.94
9.75
9.55
w
F
1
0.50
0.50
v
0.50
w2
0.10
y
20.37
20.17
19.53
19.33
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com