Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLC2425M9LS250 Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLC2425M9LS250
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC2425M9LS250 Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLC2425M9LS250 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC2425M9LS250 Datasheet HTML 11Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BLC2425M9LS250
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 20 December 2016
8 of 11
BLC2425M9LS250
Power LDMOS transistor
9. Handling information
[1]
CDM classification C1 is granted to any part that passes after exposure to an ESD pulse of 250 V, but fails
after exposure to an ESD pulse of 500 V.
[2]
HBM classification 1C is granted to any part that passes after exposure to an ESD pulse of 1000 V, but fails
after exposure to an ESD pulse of 2000 V.
10. Abbreviations
11. Revision history
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe precautions for handling
electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5, JESD625-A or
equivalent standards.
Table 10.
ESD sensitivity
ESD model
Class
Charged Device Model (CDM); According to ANSI/ESDA/JEDEC standard JS-002
C1 [1]
Human Body Model (HBM); According to ANSI/ESDA/JEDEC standard JS-001
1C [2]
Table 11.
Abbreviations
Acronym
Description
CW
Continuous Wave
ESD
ElectroStatic Discharge
LDMOS
Laterally Diffused Metal-Oxide Semiconductor
MTF
Median Time to Failure
SMD
Surface Mounted Device
VSWR
Voltage Standing-Wave Ratio
Table 12.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BLC2425M9LS250 v.3
20161220
Product data sheet
-
BLC2425M9LS250 v.2
Modifications:
• Figure 9 on page 7: updated package outline drawing SOT1270-1
• Section 9 on page 8: updated Handling information
BLC2425M9LS250 v.2
20161021
Product data sheet
-
BLC2425M9LS250 v.1
BLC2425M9LS250 v.1
20160928
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com