Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF178P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF178P
Description  Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF178P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF178P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BLF178P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
4 of 13
BLF178P
Power LDMOS transistor
6.1 Ruggedness in class-AB operation
The BLF178P is capable of withstanding a load mismatch corresponding to
VSWR = 13 : 1 through all phases under the following conditions: VDS =50V;
IDq =40mA; PL = 1200 W pulsed; f = 108 MHz.
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10 V
58
71
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
280
nA
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID =16.66 A
-0.07
-
Crs
feedback capacitance
VGS =0V; VDS =50 V;
f= 1 MHz
-3
-
pF
Ciss
input capacitance
VGS =0V; VDS =50 V;
f=1MHz
-403
-
pF
Coss
output capacitance
VGS =0V; VDS =50 V;
f=1MHz
-138
-
pF
Table 7.
RF characteristics
Test signal: pulsed RF; tp = 100 s; = 20 %; f = 108 MHz; RF performance at VDS =50 V;
IDq =40mA; Tcase = 25 C; unless otherwise specified; in a class-AB production test circuit.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 1200 W
27
28.5
31
dB
RLin
input return loss
PL = 1200 W
-
16
12
dB
D
drain efficiency
PL = 1200 W
71
75
-
%
VGS = 0 V; f = 1 MHz.
Fig 2.
Output capacitance as a function of drain-source voltage; typical values per
section
Table 6.
DC characteristics …continued
Tj = 25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS (V)
050
20
30
40
10
001aaj113
300
150
450
600
750
900
Coss
(pF)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com