Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF178P Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLF178P
Description  Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF178P Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLF178P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BLF178P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
7 of 13
BLF178P
Power LDMOS transistor
IDq = 40 mA; f = 108 MHz; tp = 100 s;  =20 %.
(1) VDS =15V
(2) VDS =20V
(3) VDS =25V
(4) VDS =30V
(5) VDS =35V
(6) VDS =40V
(7) VDS =45V
(8) VDS =50V
IDq = 40 mA; f = 108 MHz; tp = 100 s;  =20%.
(1) VDS =15V
(2) VDS =20V
(3) VDS =25V
(4) VDS =30V
(5) VDS =35V
(6) VDS =40V
(7) VDS =45V
(8) VDS =50V
Fig 8.
Power gain as a function of output power;
typical values
Fig 9.
Drain efficiency as a function of output power;
typical values
aaa-002246
32
Gp
(dB)
20
PL (W)
0
400
800
1200
1400
1000
600
200
30
28
26
24
22
(6)
(5)
(4)
(3)
(7)
(2)
(8)
(1)
aaa-002247
90
ηD
(%)
10
PL (W)
0
400
800
1200
1400
1000
600
200
30
50
70
(6)
(5)
(4)
(3)
(7)
(2)
(8)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com