Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF178P Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF178P
Description  Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF178P Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF178P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Product profile
1.1 General description
A 1200 W LDMOS power transistor for broadcast applications and industrial applications
in the HF to 110 MHz band.
1.2 Features and benefits
Typical pulsed performance at frequency of 108 MHz, a supply voltage of 50 V and an
IDq of 40 mA, a tp of 100 s with  of 20 %:
Output power = 1200 W
Power gain = 28.5 dB
Efficiency = 75 %
Easy power control
Integrated ESD protection
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (10 MHz to 110 MHz)
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Industrial, scientific and medical applications
FM transmitter applications
BLF178P
Power LDMOS transistor
Rev. 3 — 1 September 2015
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
108
50
1000
26
75
pulsed RF
108
50
1200
28.5
75


Similar Part No. - BLF178P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF178P NXP-BLF178P Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF178P PHILIPS-BLF178P_15 Datasheet
530Kb / 13P
Power LDMOS transistor
Rev. 2-16 February 2012
More results

Similar Description - BLF178P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com