Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF178P Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLF178P
Description  Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF178P Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLF178P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF178P Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BLF178P#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
8 of 13
BLF178P
Power LDMOS transistor
7.3 Test circuit
[1]
American Technical Ceramics type 800B or capacitor of same quality.
Printed-Circuit Board (PCB): RF 35;
r = 3.5; thickness = 0.76 mm; thickness copper plating = 35 m.
See Table 9 for a list of components.
Fig 10. Component layout for class-AB production test circuit
aaa-002248
T1
T2
BLF178P OUTPUT REV1
BLF178P INTPUT REV1
23 mm
C16
C14
L5
C12
C18
C4
C3
C15
R4
R3
C7
+Vgs
+Vgs
C5
C6
C8
R1
R2
C11
C13
+Vds
C10
+Vds
C19
C20
C21
C22
L7
L8
C17
L3
L4
L1
C1
C2
L2
L6
Table 9.
List of components
For test circuit see Figure 10.
Component
Description
Value
Remarks
C1, C2, C5, C6, C14,
C15, C21, C22
multilayer ceramic chip capacitor
1 nF
[1]
C3
multilayer ceramic chip capacitor
82 pF
[1]
C4
multilayer ceramic chip capacitor
240 pF
[1]
C7, C8
multilayer ceramic chip capacitor
4.7
F; 50 V
C10, C11
electrolytic capacitor
1000
F; 63 V
C12, C13
multilayer ceramic chip capacitor
4.7
F; 100 V
C16, C17
multilayer ceramic chip capacitor
120 pF
[1]
C18
multilayer ceramic chip capacitor
82 pF
[1]
C19
multilayer ceramic chip capacitor
110 pF
[1]
C20
multilayer ceramic chip capacitor
56 pF
[1]
L1, L2, L3, L4
1.5 turn 0.8 mm copper wire
D = 3 mm;
length=2mm
L5, L6
5 turn 0.8 mm copper wire
D = 3 mm;
length = 4.5 mm
L7, L8
2.5 turn 0.8 mm copper wire
D = 3 mm;
length=3mm
R1, R2
SMD resistor
100
Philips 1206
R3, R4
SMD resistor
9.1
Philips 1206
T1
semi rigid coax
25
; 160 mm
UT-090C-25
T2
semi rigid coax
25
; 160 mm
UT-141C-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com