Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF573 Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF573
Description  HF / VHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF573 Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF573 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
BLF573_BLF573S#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
4 of 16
BLF573; BLF573S
HF / VHF power LDMOS transistor
6.1 Ruggedness in class-AB operation
The BLF573 and BLF573S are capable of withstanding a load mismatch corresponding to
VSWR = 13 : 1 through all phases under the following conditions: VDS =50V;
IDq =900 mA; PL = 300 W; f = 225 MHz.
7. Application information
7.1 Impedance information
VGS = 0 V; f = 1 MHz.
Fig 1.
Output capacitance as a function of drain-source voltage; capacitance value
without internal matching
VDS (V)
050
40
20
30
10
001aaj141
400
200
600
800
Coss
(pF)
0
Table 8.
Typical impedance
Measured ZS and ZL test circuit impedances.
f
ZS
ZL
MHz
225
0.7 + j2.0
1.95 + j2.0
Fig 2.
Definition of transistor impedance
001aaf059
drain
ZL
ZS
gate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com