Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF573 Datasheet(PDF) 8 Page - Ampleon Netherlands B.V.

Part # BLF573
Description  HF / VHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF573 Datasheet(HTML) 8 Page - Ampleon Netherlands B.V.

Back Button BLF573 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 11Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 12Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BLF573_BLF573S#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
8 of 16
BLF573; BLF573S
HF / VHF power LDMOS transistor
8.1.2 2-Tone CW
8.2 Test circuit
VDS = 50 V; IDq = 900 mA; f1 = 224.95 MHz;
f2 = 225.05 MHz.
VDS = 50 V; f1 = 224.95 MHz; f2 = 225.05 MHz.
(1) IDq = 500 mA
(2) IDq = 700 mA
(3) IDq = 900 mA
(4) IDq = 1100 mA
(5) IDq = 1300 mA
(6) IDq = 1500 mA
(7) IDq = 1700 mA
(8) IDq = 1800 mA
Fig 7.
Power gain and drain efficiency as functions
of peak envelope load power; typical values
Fig 8.
Third order intermodulation distortion as a
function of peak envelope load power; typical
values
PL(PEP) (W)
0
500
400
200
300
100
001aaj615
26
24
28
30
Gp
(dB)
ηD
(%)
22
40
20
60
80
0
Gp
ηD
PL(PEP) (W)
0
500
400
200
300
100
001aaj616
−40
−60
−20
0
IMD3
(dBc)
−80
(4)
(5)
(8)
(7)
(6)
(3)
(2)
(1)
Table 9.
List of components
For production test circuit, see Figure 9 and Figure 10.
Printed-Circuit Board (PCB): Rogers 5880;
r = 2.2 F/m; height = 0.79 mm; Cu (top/bottom metallization);
thickness copper plating = 35
m.
Component
Description
Value
Remarks
B1
ferrite SMD bead
100
; 100 MHz
Ferroxcube BDS3/3/8.9-4S2 or equivalent
C1, C18
multilayer ceramic chip capacitor
100 pF
[1]
C2
multilayer ceramic chip capacitor
39 pF
[1]
C3, C4
multilayer ceramic chip capacitor
180 pF
[1]
C5, C6, C7
multilayer ceramic chip capacitor
220 pF
[1]
C8, C20
multilayer ceramic chip capacitor
1 nF
[1]
C9
multilayer ceramic chip capacitor
4.7
F
TDK C4532X7R1E475MT020U or equivalent
C10
multilayer ceramic chip capacitor
30 pF
[1]
C11, C12, C13 multilayer ceramic chip capacitor
51 pF
[1]
C14
multilayer ceramic chip capacitor
43 pF
[1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com