Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF573 Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF573
Description  HF / VHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF573 Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF573 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1. Product profile
1.1 General description
A 300 W LDMOS RF power transistor for broadcast applications and industrial, scientific
and medical applications in the HF to 500 MHz band.
1.2 Features and benefits
Typical CW performance at frequency of 225 MHz, a supply voltage of 50 V and an
IDq of 900 mA:
Average output power = 300 W
Power gain = 27.2 dB
Efficiency = 70 %
Easy power control
Integrated ESD protection
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (HF and VHF band)
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Industrial, scientific and medical applications
Broadcast transmitter applications
BLF573; BLF573S
HF / VHF power LDMOS transistor
Rev. 4 — 1 September 2015
Product data sheet
Table 1.
Production test information
Mode of operation
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
225
50
300
27.2
70
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Similar Part No. - BLF573

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF573 NXP-BLF573 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF573(S) NXP-BLF573(S) Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF573S NXP-BLF573S Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF573_BLF573S PHILIPS-BLF573_BLF573S_15 Datasheet
362Kb / 16P
HF / VHF power LDMOS transistor
Rev. 3-8 July 2010
More results

Similar Description - BLF573

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLC573 NXP-BLC573 Datasheet
117Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF571 NXP-BLF571 Datasheet
105Kb / 13P
HF / VHF power LDMOS transistor
Rev. 01-11 December 2008
BLF573S NXP-BLF573S Datasheet
84Kb / 14P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 NXP-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 01-8 December 2008
BLF574 PHILIPS-BLF574 Datasheet
171Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF571 PHILIPS-BLF571_15 Datasheet
113Kb / 13P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
BLF573_BLF573S PHILIPS-BLF573_BLF573S_15 Datasheet
362Kb / 16P
HF / VHF power LDMOS transistor
Rev. 3-8 July 2010
BLF574 PHILIPS-BLF574_15 Datasheet
179Kb / 18P
HF / VHF power LDMOS transistor
Rev. 02-24 February 2009
logo
Ampleon Netherlands B.V...
BLF574 AMPLEON-BLF574 Datasheet
1Mb / 19P
HF / VHF power LDMOS transistor
Rev. 4 ??1 December 2016
BLF978P AMPLEON-BLF978P Datasheet
1Mb / 15P
HF / VHF power LDMOS transistor
Rev. 1 ??3 April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com