Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF573 Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF573
Description  HF / VHF power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF573 Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF573 Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF573 Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
BLF573_BLF573S#4
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 1 September 2015
5 of 16
BLF573; BLF573S
HF / VHF power LDMOS transistor
7.2 Reliability
TTF (0.1 % failure fraction).
(1) Tj = 100 C
(2) Tj = 110 C
(3) Tj = 120 C
(4) Tj = 130 C
(5) Tj = 140 C
(6) Tj = 150 C
(7) Tj = 160 C
(8) Tj = 170 C
(9) Tj = 180 C
(10) Tj = 190 C
(11) Tj = 200 C
Fig 3.
BLF573 and BLF573S electromigration (ID, total device)
001aaj142
102
10
104
103
105
Years
1
Idc (A)
0
20
16
812
4
(7)
(8)
(9) (10)
(1)
(2)
(3)
(4)
(5)
(6)
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com