Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5H600NL Datasheet(PDF) 4 Page - ON Semiconductor

Part # NVMFS5H600NL
Description  MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5H600NL Datasheet(HTML) 4 Page - ON Semiconductor

  NVMFS5H600NL Datasheet HTML 1Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 2Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 3Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 4Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 5Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 6Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 7Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NVMFS5H600NL
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source Voltage vs. Total
Charge
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
60
50
40
30
20
10
0
1E+1
90
70
60
40
30
10
0
0
2
4
6
8
10
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
100
10
1
10
100
1000
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.1
Figure 11. Safe Operating Area
Figure 12. IPEAK vs. Time in Avalanche
VDS (V)
TIME IN AVALANCHE (s)
100
10
1
0.1
1
10
100
1000
1
10
VGS = 0 V
TJ = 25°C
f = 1 MHz
CISS
COSS
CRSS
VDS = 30 V
TJ = 25°C
ID = 50 A
QT
QGS
QGD
VGS = 4.5 V
VDS = 30 V
ID = 50 A
td(off)
td(on)
tf
tr
TJ = 125°C
TJ = 25°C
TJ = −55°C
10
TJ(initial) = 100°C
TJ(initial) = 25°C
100E−6
10E−3
RDS(on) Limit
Thermal Limit
Package Limit
500 ms
1 ms
10 ms
1E−3
100
1E+2
1E+3
1E+4
1
3
5
7
9
100
1
20
50
80



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com