Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5H600NL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS5H600NL
Description  MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5H600NL Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS5H600NL Datasheet HTML 1Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 2Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 3Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 4Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 5Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 6Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 7Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2018
September, 2021 − Rev. 3
1
Publication Order Number:
NVMFS5H600NL/D
MOSFET – Power, Single
N-Channel, DFN5/DFNW5
60 V, 1.3 mW, 250 A
NVMFS5H600NL
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
250
A
TC = 100°C
160
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
160
W
TC = 100°C
63
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
35
A
TA = 100°C
22
Power Dissipation
RqJA (Notes 1, 2)
TA = 25°C
PD
3.3
W
TA = 100°C
1.3
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
TJ, Tstg
−55 to
+ 175
°C
Source Current (Body Diode)
IS
170
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 26 A)
EAS
338
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.80
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
38
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
5H600L
AYWZZ
V(BR)DSS
RDS(ON) MAX
ID MAX
60 V
1.3 mW @ 10 V
250 A
1.7 mW @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5)
S
S
S
G
D
D
D
D
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
5H600L = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
DFN5
CASE 488AA
1
DFNW5
CASE 507BA


Similar Part No. - NVMFS5H600NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5H610NL ONSEMI-NVMFS5H610NL Datasheet
170Kb / 7P
Power MOSFET 60 V, 10 m, 48 A, Single N?묬hannel
October, 2018 ??Rev. 0
NVMFS5H610NLT1G ONSEMI-NVMFS5H610NLT1G Datasheet
170Kb / 7P
Power MOSFET 60 V, 10 m, 48 A, Single N?묬hannel
October, 2018 ??Rev. 0
NVMFS5H610NLWF ONSEMI-NVMFS5H610NLWF Datasheet
170Kb / 7P
Power MOSFET 60 V, 10 m, 48 A, Single N?묬hannel
October, 2018 ??Rev. 0
NVMFS5H610NLWFT1G ONSEMI-NVMFS5H610NLWFT1G Datasheet
170Kb / 7P
Power MOSFET 60 V, 10 m, 48 A, Single N?묬hannel
October, 2018 ??Rev. 0
NVMFS5H663NL ONSEMI-NVMFS5H663NL Datasheet
185Kb / 8P
MOSFET ??Power, Single N-Channel 60 V, 7.2 m, 67 A
July, 2019 ??Rev. 2
More results

Similar Description - NVMFS5H600NL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
logo
ON Semiconductor
NTTFS1D8N02P1E ONSEMI-NTTFS1D8N02P1E Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, Power33 25 V, 1.3 m, 150 A
May, 2020 ??Rev. 1
NTMFSS1D3N06CL ONSEMI-NTMFSS1D3N06CL Datasheet
351Kb / 7P
MOSFET - Power, Single N-Channel, Source-Down TDFN9 60 V, 1.3 m, 243 A
August, 2021-Rev. 0
NTMJS1D4N06CL ONSEMI-NTMJS1D4N06CL Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
November, 2019-Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMFS4C308N ONSEMI-NVMFS4C308N Datasheet
241Kb / 9P
MOSFET - Power, Single N-Channel, DFN5/DFNW5 30 V, 4.8 m, 55 A
September, 2021-Rev. 1
NVMFS5C645N ONSEMI-NVMFS5C645N Datasheet
237Kb / 8P
MOSFET - Power, Single N-Channel, DFN5/DFNW5 60 V, 4.6 m, 92 A
September, 2021-Rev. 1
NVMJS1D3N04C ONSEMI-NVMJS1D3N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A
July, 2019 ??Rev. 1
NVMJS1D4N06CL ONSEMI-NVMJS1D4N06CL Datasheet
376Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
October, 2019 ??Rev. 0
NVMJS1D6N06CL ONSEMI-NVMJS1D6N06CL Datasheet
364Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.36 m, 250 A
July, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com