Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5H600NL Datasheet(PDF) 7 Page - ON Semiconductor

Part # NVMFS5H600NL
Description  MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5H600NL Datasheet(HTML) 7 Page - ON Semiconductor

  NVMFS5H600NL Datasheet HTML 1Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 2Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 3Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 4Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 5Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 6Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 7Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
M
3.00
3.40
q
0
−−−
_
3.80
12
_
DFN5 5x6, 1.27P
(SO−8FL)
CASE 488AA
ISSUE N
DATE 25 JUN 2018
SCALE 2:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION D1 AND E1 DO NOT INCLUDE
MOLD FLASH PROTRUSIONS OR GATE
BURRS.
XXXXXX = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability
12
3
4
TOP VIEW
SIDE VIEW
BOTTOM VIEW
D1
E1
q
D
E
2
2
B
A
0.20 C
0.20 C
2 X
2 X
DIM
MIN
NOM
MILLIMETERS
A
0.90
1.00
A1
0.00
−−−
b
0.33
0.41
c
0.23
0.28
D
5.15
D1
4.70
4.90
D2
3.80
4.00
E
6.15
E1
5.70
5.90
E2
3.45
3.65
e
1.27 BSC
G
0.51
0.575
K
1.20
1.35
L
0.51
0.575
L1
0.125 REF
A
0.10 C
0.10 C
DETAIL A
14
L1
e/2
8X
D2
G
E2
K
b
A
0.10
B
C
0.05
c
L
DETAIL A
A1
c
4 X
C
SEATING
PLANE
GENERIC
MARKING DIAGRAM*
1
XXXXXX
AYWZZ
1
MAX
1.10
0.05
0.51
0.33
5.10
4.20
6.10
3.85
0.71
1.50
0.71
STYLE 1:
PIN 1. SOURCE
2. SOURCE
3. SOURCE
4. GATE
5. DRAIN
M
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
1.270
2X
0.750
1.000
0.905
4.530
1.530
4.560
0.495
3.200
1.330
0.965
2X
2X
4X
4X
PIN 5
(EXPOSED PAD)
STYLE 2:
PIN 1. ANODE
2. ANODE
3. ANODE
4. NO CONNECT
5. CATHODE
5.00
5.30
6.00
6.30
PITCH
DIMENSIONS: MILLIMETERS
1
RECOMMENDED
e
2X
0.475
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “
G”,
may or may not be present. Some products
may not follow the Generic Marking.
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor reserves the right to make changes without further notice to any products herein. ON Semiconductor makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages. ON Semiconductor does not convey any license under its patent rights nor the
rights of others.
98AON14036D
DOCUMENT NUMBER:
DESCRIPTION:
Electronic versions are uncontrolled except when accessed directly from the Document Repository.
Printed versions are uncontrolled except when stamped “CONTROLLED COPY” in red.
PAGE 1 OF 1
DFN5 5x6, 1.27P (SO−8FL)
© Semiconductor Components Industries, LLC, 2018
www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com