Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS5H600NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS5H600NL
Description  MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5H600NL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS5H600NL Datasheet HTML 1Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 2Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 3Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 4Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 5Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 6Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 7Page - ON Semiconductor NVMFS5H600NL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NVMFS5H600NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
1.0
0.5
0
0
25
50
75
100
125
150
175
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
250
300
350
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
130
110
150
90
70
50
30
10
1.0
1.2
1.5
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
150
125
100
75
25
0
−25
−50
0.6
0.8
1.0
1.2
1.6
1.8
55
45
35
25
15
5
1
3.0 V
3.2 V
10 V to 3.4 V
3.5
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
VGS = 10 V
ID = 50 A
50
TJ = 25°C
TJ = 85°C
200
225
250
400
500
2.0
VGS = 2.6 V
450
1.4
10
100
1000
VDS = 10 V
2.8 V
0.8
0.9
1.1
1.3
1.4
TJ = 125°C
1.6
10
9
8
7
6
5
2
0.5
0.9
2.1
2.9
3.7
TJ = 25°C
ID = 20 A
1.3
2.5
3.3
4
3
1.7
10000
100000
1000000
TJ = 175°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com