Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7LS250P Datasheet(PDF) 3 Page - Ampleon Netherlands B.V.

Part # BLF2425M7LS250P
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M7LS250P Datasheet(HTML) 3 Page - Ampleon Netherlands B.V.

  BLF2425M7LS250P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BLF2425M7L250P_2425M7LS250P#5
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 1 September 2015
3 of 11
BLF2425M7L(S)250P
Power LDMOS transistor
5. Thermal characteristics
6. Characteristics
7. Test information
7.1 Ruggedness in class-AB operation
The BLF2425M7L250P and BLF2425M7LS250P are capable of withstanding a load
mismatch corresponding to VSWR = 10 : 1 through all phases under the following
conditions: VDS =28V; IDq =20mA; PL = 250 W (CW); f = 2450 MHz.
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ Unit
Rth(j-case) thermal resistance from junction to case
Tcase =80 C; PL = 250 W
0.19 K/W
Table 6.
DC characteristics
Tj = 25 C per section; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown
voltage
VGS =0V; ID =2.2 mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 220 mA 1.5
1.9
2.3
V
IDSS
drain leakage current
VGS = 0 V; VDS =28 V
-
-
3
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10 V
-39
-
A
IGSS
gate leakage current
VGS = 11 V; VDS = 0 V
-
-
300
nA
gfs
forward transconductance
VDS =10 V; ID =11A
-
16
-
S
RDS(on)
drain-source on-state
resistance
VGS =VGS(th) + 3.75 V;
ID =7.7 A
-0.08
-
Table 7.
RF characteristics
Test signal: CW at 2450 MHz; RF performance at VDS = 28 V; IDq = 20 mA; Tcase = 25 C; unless
otherwise specified; in a class-AB production test circuit.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 250 W
14
15
-
dB
RLin
input return loss
PL = 250 W
-
18
10
dB
D
drain efficiency
PL = 250 W
46
51
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com