Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7LS250P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF2425M7LS250P
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M7LS250P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF2425M7LS250P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BLF2425M7L250P_2425M7LS250P#5
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 1 September 2015
4 of 11
BLF2425M7L(S)250P
Power LDMOS transistor
7.2 Impedance information
7.3 Test circuit
Table 8.
Typical impedance
Measured load-pull data half device. Typical values unless otherwise specified. IDq =20mA;
VDS =28V.
ZS and ZL defined in Figure 1.
f
ZS
ZL
(MHz)
(
)
(
)
2400
2.3
 6.3j
3.8
 2.7j
2450
3.3
 6.0j
2.5
 2.9j
2500
4.1
 6.0j
3.3
 2.3j
Fig 1.
Definition of transistor impedance
001aak544
gate 1
gate 2
drain 2
drain 1
ZS
ZL
Printed-Circuit Board (PCB): Rogers RO4350B; thickness = 0.76 mm.
See Table 9 for list of components.
Fig 2.
Component layout for test circuit
C5
C4
C2
C9
C19
C1
C6
C10
C7
C8
C3
R2
R3
C12
C16
C17
C18
C11
C14
C13
C15
R1
aaa-004797



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com