Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7LS250P Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF2425M7LS250P
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M7LS250P Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF2425M7LS250P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BLF2425M7L250P_2425M7LS250P#5
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 1 September 2015
5 of 11
BLF2425M7L(S)250P
Power LDMOS transistor
7.4 Graphical data
Table 9.
List of components
For test circuit, see Figure 2.
Component
Description
Value
Remarks
C1, C2, C3, C11,
C12, C13
multilayer ceramic chip capacitor
36 pF
ATC800B
C4, C7, C14, C16
SMD capacitor
470 nF, 50 V
C5, C8, C15, C17
SMD capacitor
10
F, 50 V
C6, C19
multilayer ceramic chip capacitor
1.4 pF
ATC100B
C9, C10
multilayer ceramic chip capacitor
1.8 pF
ATC100B
C18
electrolytic capacitor
470
F, 63 V
R1
resistor
9.1
SMD 0805
R2, R3
resistor
5.1
SMD 0805
VDS = 28 V; IDq = 20 mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
VDS = 28 V; IDq = 20 mA.
(1) f = 2400 MHz
(2) f = 2450 MHz
(3) f = 2500 MHz
Fig 3.
Power gain and drain efficiency as function of
load power; typical values
Fig 4.
Power gain and drain efficiency as function of
load power; typical values
aaa-004798
32
36
40
44
48
52
56
60
00
310
620
930
12
40
15
50
18
60
PL (dBm)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD
aaa-004799
0
50
100
150
200
250
300
350
60
810
10
20
12
30
14
40
16
50
18
60
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
Gp
Gp
ηD
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com