Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7LS250P Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # BLF2425M7LS250P
Description  Power LDMOS transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF2425M7LS250P Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button BLF2425M7LS250P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 10Page - Ampleon Netherlands B.V. BLF2425M7LS250P Datasheet HTML 11Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BLF2425M7L250P_2425M7LS250P#5
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 5 — 1 September 2015
7 of 11
BLF2425M7L(S)250P
Power LDMOS transistor
Fig 6.
Package outline SOT539B
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT539B
sot539b_po
12-05-02
13-05-24
Unit(1)
mm
max
nom
min
4.7
4.2
11.81
11.56
31.55
30.94
31.52
30.96
9.5
9.3
9.53
9.27
1.75
1.50
17.12
16.10
3.48
2.97
10.29
10.03
0.25
A
Dimensions
Earless flanged balanced ceramic package; 4 leads
SOT539B
bc
0.18
0.10
DD1
EE1
e
13.72
FH
H1
25.53
25.27
LQ
2.26
2.01
U1
32.39
32.13
U2
w2
0.25
inches
max
nom
min
0.185
0.165
0.465
0.455
1.242
1.218
1.241
1.219
0.374
0.366
0.375
0.365
0.069
0.059
0.674
0.634
0.137
0.117
0.405
0.395
0.01
0.007
0.004
0.54
1.005
0.995
0.089
0.079
1.275
1.265
0.01
w3
0
5
10 mm
scale
c
E
Q
E1
e
H
L
b
H1
U1
U2
D
w2
w3
1
2
3
4
D
D
A
F
D1
5
Note
1. millimeter dimensions are derived from the original inch dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com