Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2107-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2107-AF5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2107-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M2107-AF5-R Datasheet HTML 1Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 2Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 3Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 4Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 5Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M2107
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
3
www.unisonic.com.tw
QW-R105-017,C
ABSOLUTE MAXIMUM RATINGS (Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+(V+/V-)
7(or±3.5)
V
Differential Input Voltage
VI(DIFF)
±
7
V
Input Voltage
VIN
±
3.5
V
Power Dissipation
PD
200
mW
Operating Temperature Range
TOPR
0 ~ +70
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Note:1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –40℃~85℃.
ELECTRICAL CHARACTERISTICS (Ta=25 , V+/V-=±2.5V , unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIN(OFF)
RS=10kΩ
1
6
mV
Input Offset Current
IIN(OFF)
I
+ -I-
5
200
nA
Input Bias Current
IIN(BIAS)
100
500
nA
Large Signal Voltage Gain
GV
VOUT=±2.0V,RL=10kΩ
60
80
dB
Supply Voltage Rejection Ratio
SVR
RS≤10kΩ
60
70
dB
Input Common Mode Voltage Range
VIN(CM)
±
1.5
V
Rejection Ratio
RR
RS≤10kΩ
60
80
dB
Output Voltage Swing
VOM
RL=2.5kΩ
±
2.0
±
2.2
V
Slew Rate
SR
VIN=±1Vp-p, ACL=+1
3
V/
µs
Operating Current
IOPR
1
2
3
mA
TEST CIRCUIT
-
+
6.8k
2.5k
100k
VOUT
100μ
0.1μ
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com