Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2107-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2107-AF5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2107-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2107-AF5-R Datasheet HTML 1Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 2Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 3Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 4Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 5Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO.,LTD
M2107
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,LTD
QW-R105-017,C
SINGLE OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2107 is the single operational amplifier of ultra
miniature surface mount package. It has features of low operating
supply voltage and low saturation output voltage. It is suitable for
small electronic equipments and hybrid circuits.
FEATURES
*Operating Voltage
(V
+/V- =±1.0V to±3.5V)
*Low Output Saturation:
(4Vp-p at single 5V supply)
*V
-Shield Plate Between +Input and -Input
*Suitable Pin Arrangement for Application
*Bipolar Technology
1
SOT-25
2
3
4
5
*Pb-free plating product number: M2107L
PIN CONFIGURATION
PIN NO.
PIN NAME
1
+INPUT
2
V
-
3
-INPUT
4
OUTPUT
5
V
+
ORDERING INFORMATION
Order Number
Normal
Lead Free
Package
Packing
M2107-AF5-R
M2107L-AF5-R
SOT-25
Tape Reel


Similar Part No. - M2107-AF5-R

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2107-2545-AL RAF-M2107-2545-AL Datasheet
85Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-2545-SS RAF-M2107-2545-SS Datasheet
85Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-3005-AL RAF-M2107-3005-AL Datasheet
91Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-3005-N RAF-M2107-3005-N Datasheet
91Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2107-3005-SS RAF-M2107-3005-SS Datasheet
91Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2107-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com