Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2107-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M2107-AF5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2107-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M2107-AF5-R Datasheet HTML 1Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 2Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 3Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 4Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 5Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M2107
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
4
www.unisonic.com.tw
QW-R105-017,C
TYPICAL CHARACTERICS
Voltage Gain,Phase vs.Frequency
Frequency, f (Hz)
1k
5k 10k
50k
500k
-10
0
10
20
30
1M
5M
40
50
Maximum Output Voltage vs.Frequency
100
1k
10k
0
1.0
100k
2.0
1M
3.0
4.0
100k
-10
-100
-80
-60
-40
-20
0
-120
-140
-160
-180
-
+
1k
2.5k
1k
100k
Vo
Frequency, f (Hz)
Voltage Gain vs.Frequency
Phase
Gain
V
+/V-=±2.5V,Ta=25℃
V
+/V-=±2.5V,Ta=25℃
R=2.5kΩ
100
1k
10k
-20
0
100k
20
1M
40
60
Frequency, f (Hz)
10
5M
80
100
V
+/V-=±2.5V,Ta=25℃
Input Noise Voltage vs.Input Resistance
10
100
1k
0.1
50
0.5
1
10k
5k
500
5
10
100k
50k
100
1k
10k
-3
-2
100k
-1
500
0
1
Load Resistance, RL (Ω)
Maximum Output Voltage Swing vs.
Load Resistance
3
2
5k
50k
+VoM
-VoM
Input Resistance, Rs (Ω)
V+/V-=±2.5V Ta=25℃
V+/V-=±3.0V Ta=25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com