Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2107-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M2107-AF5-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2107-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  M2107-AF5-R Datasheet HTML 1Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 2Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 3Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 4Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 5Page - Unisonic Technologies M2107-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M2107
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO.,LTD
5
www.unisonic.com.tw
QW-R105-017,C
TYPICAL CHARACTERICS (Cont.)
Operating Current vs.Temperature
-50
0
50
0
-25
1.0
2.0
75
25
3.0
4.0
125
100
Ambient Temperature, Ta(℃)
Maximum Output Voltage Swing vs.Temperature
-50
0
50
-3.0
-25
-1.0
1.0
75
25
2.0
3.0
125
100
Ambient Temperature, Ta(℃)
-2.0
Input Offset Voltage vs.Temperature
-50
0
50
-2.0
-25
-1.0
0
75
25
1.0
2.0
125
100
Ambient Temperature, Ta(℃)
Input Bias Current vs.Temperature
-50
0
50
100
-25
120
140
75
25
160
180
125
100
Ambient Temperature, Ta(℃)
80
60
40
20
0
V+/V-=±2.5V
V+/V-=±2.5V
V+/V-=±2.5V
V+/V-=±2.5V
Operating Current vs.Operating Voltage
0
0
1
2
3
4
Operating Voltage, V+/V- (V )
Ta=25℃
±1
±2
±3
±4
Operating Voltage, V+/V- (V )
Maximum Output Voltage Swing vs.
Operating Voltage
0
-5
-4
-3
-2
-1
±1
±2
±3
±4
±5
0
2
3
4
5
1
+VoM
-VoM
RL=2.5kΩ, Ta=25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com